Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28551-3 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY28551-3
Description  Universal Clock Generator for Intel, VIA and SIS짰
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28551-3 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY28551-3 Datasheet HTML 7Page - Cypress Semiconductor CY28551-3 Datasheet HTML 8Page - Cypress Semiconductor CY28551-3 Datasheet HTML 9Page - Cypress Semiconductor CY28551-3 Datasheet HTML 10Page - Cypress Semiconductor CY28551-3 Datasheet HTML 11Page - Cypress Semiconductor CY28551-3 Datasheet HTML 12Page - Cypress Semiconductor CY28551-3 Datasheet HTML 13Page - Cypress Semiconductor CY28551-3 Datasheet HTML 14Page - Cypress Semiconductor CY28551-3 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
CY28551-3
Document #: 001-05677 Rev. *D
Page 11 of 29
Byte 14: Control Register 14
Bit
@Pup
Type
Name
Description
7
0
R/W
CPU_DAF_N7
If Prog_CPU_EN is set, the values programmed in CPU_DAF_N[8:0] and
CPU_DAF_M[6:0] will be used to determine the CPU output frequency.
The setting of the FS_Override bit determines the frequency ratio for CPU
and other output clocks. When it is cleared, the same frequency ratio
stated in the Latched FS[E:A] register will be used. When it is set, the
frequency ratio stated in the FSEL[3:0] register will be used.
6
0
R/W
CPU_DAF_N6
5
0
R/W
CPU_DAF_N5
4
0
R/W
CPU_DAF_N4
3
0
R/W
CPU_DAF_N3
2
0
R/W
CPU_DAF_N2
1
0
R/W
CPU_DAF_N1
0
0
R/W
CPU_DAF_N0
Byte 15: Control Register 15
Bit
@Pup
Type
Name
Description
7
0
R/W
CPU_DAF_N8
If Prog_CPU_EN is set, the values programmed in CPU_DAF_N[8:0] and
CPU_DAF_M[6:0] will be used to determine the CPU output frequency.
The setting of the FS_Override bit determines the frequency ratio for CPU
and other output clocks. When it is cleared, the same frequency ratio
stated in the Latched FS[E:A] register will be used. When it is set, the
frequency ratio stated in the FSEL[3:0] register will be used.
6
0
R/W
CPU_DAF_M6
5
0
R/W
CPU_DAF_M5
4
0
R/W
CPU_DAF_M4
3
0
R/W
CPU_DAF_M3
2
0
R/W
CPU_DAF_M2
1
0
R/W
CPU_DAF_M1
0
0
R/W
CPU_DAF_M0
Byte 16: Control Register 16
Bit
@Pup
Type
Name
Description
7
0
R/W
PCIE_DAF_N7
The PCIE_DAF_N[8:0] will be used to configure PCIE frequency for Dial-A
Frequency
6
0
R/W
PCIE_DAF_N6
5
0
R/W
PCIE_DAF_N5
4
0
R/W
PCIE_DAF_N4
3
0
R/W
PCIE_DAF_N3
2
0
R/W
PCIE_DAF_N2
1
0
R/W
PCIE_DAF_N1
0
0
R/W
PCIE_DAF_N0
Byte 17: Control Register 17
Bit
@Pup
Type
Name
Description
7
0
R/W
Recovery N7
Watchdog Recovery Bit
6
0
R/W
Recovery N6
Watchdog Recovery Bit
5
0
R/W
Recovery N5
Watchdog Recovery Bit
4
0
R/W
Recovery N4
Watchdog Recovery Bit
3
0
R/W
Recovery N3
Watchdog Recovery Bit
2
0
R/W
Recovery N2
Watchdog Recovery Bit
1
0
R/W
Recovery N1
Watchdog Recovery Bit
0
0
R/W
Recovery N0
Watchdog Recovery Bit


Similar Part No. - CY28551-3

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CY28551-3 SILABS-CY28551-3 Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA and SIS짰
More results

Similar Description - CY28551-3

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CY28551-3 SILABS-CY28551-3 Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA and SIS짰
CY28551 SILABS-CY28551 Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA, and SIS짰
logo
Cypress Semiconductor
CY28551 CYPRESS-CY28551 Datasheet
658Kb / 30P
   Universal Clock Generator for Intel, VIA, and SIS짰
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com