Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28551-3 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY28551-3
Description  Universal Clock Generator for Intel, VIA and SIS짰
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28551-3 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY28551-3 Datasheet HTML 5Page - Cypress Semiconductor CY28551-3 Datasheet HTML 6Page - Cypress Semiconductor CY28551-3 Datasheet HTML 7Page - Cypress Semiconductor CY28551-3 Datasheet HTML 8Page - Cypress Semiconductor CY28551-3 Datasheet HTML 9Page - Cypress Semiconductor CY28551-3 Datasheet HTML 10Page - Cypress Semiconductor CY28551-3 Datasheet HTML 11Page - Cypress Semiconductor CY28551-3 Datasheet HTML 12Page - Cypress Semiconductor CY28551-3 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
CY28551-3
Document #: 001-05677 Rev. *D
Page 9 of 29
0
0
R
Vendor ID Bit 0
Vendor ID Bit 0
Byte 8: Control Register 8
Bit
@Pup
Type
Name
Description
7
0
R/W
RESERVED
RESERVED, Set = 0
6
0
R/W
CR1_PCIEX6
PCIEX[T/C]6 CLKREQ#A Control
1 = PCIEX [T/C]6 stoppable by CLKREQ#A pin
0 = Free running
5
0
R/W
CR1_PCIEX5
PCIEX[T/C]5 CLKREQ#B Control
1 = PCIEX [T/C]5 stoppable by CLKREQ#B pin
0 = Free running
4
0
R/W
CR1_PCIEX4
PCIEX[T/C]4 CLKREQ#B Control
1 = PCIEX [T/C]4 stoppable by CLKREQ#B pin
0 = Free running
3
0
R/W
RESERVED
RESERVED, Set = 0
2
0
R/W
RESERVED
RESERVED, Set = 0
1
0
R/W
RESERVED
RESERVED, Set = 0
0
0
R/W
RESERVED
RESERVED, Set = 0
Byte 9: Control Register 9
Bit
@Pup
Type
Name
Description
7
0
R/W
DF3_N8
The DF3_N[8:0] will be used to configure CPU frequency for Dynamic
Frequency. DOC[1:2] =11
6
0
R/W
DF2_N8
The DF2_N[8:0] will be used to configure CPU frequency for Dynamic
Frequency. DOC[1:2] =10
5
0
R/W
DF1_N8
The DF1_N[8:0] will be used to configure CPU frequency for Dynamic
Frequency. DOC[1:2] =01
4
0
R/W
RESERVED
RESERVED, Set = 0
3
0
R/W
RESERVED
RESERVED, Set = 0
2
0
R/W
SMSW_Bypass
Smooth switch Bypass
0: Activate SMSW block
1: Bypass and de-activate SMSW block.
1
0
R/W
SMSW_SEL
Smooth switch select
0: select CPU_PLL
1: select SRC_PLL.
0
0
R/W
RESERVED
RESERVED, Set = 0
Byte 10: Control Register 10
Bit
@Pup
Type
Name
Description
7
0
R/W
DF1_N7
The DF1_N[8:0] will be used to configure CPU frequency for Dynamic
Frequency. DOC[1:2] =01.
6
0
R/W
DF1_N6
5
0
R/W
DF1_N5
4
0
R/W
DF1_N4
3
0
R/W
DF1_N3
2
0
R/W
DF1_N2
1
0
R/W
DF1_N1
0
0
R/W
DF1_N0
Byte 7: Vendor ID (continued)
Bit
@Pup
Type
Name
Description


Similar Part No. - CY28551-3

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CY28551-3 SILABS-CY28551-3 Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA and SIS짰
More results

Similar Description - CY28551-3

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CY28551-3 SILABS-CY28551-3 Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA and SIS짰
CY28551 SILABS-CY28551 Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA, and SIS짰
logo
Cypress Semiconductor
CY28551 CYPRESS-CY28551 Datasheet
658Kb / 30P
   Universal Clock Generator for Intel, VIA, and SIS짰
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com