Electronic Components Datasheet Search |
|
B59606A0110A062 Datasheet(PDF) 2 Page - EPCOS |
|
B59606A0110A062 Datasheet(HTML) 2 Page - EPCOS |
2 / 10 page Applications Overcurrent protection Short-circuit protection Features Thermistor chip with lead-free tinned terminations Small size Short response times Suitable for reflow soldering only Suitable for automatic placement RoHS-compatible Delivery mode Blister tape, 180-mm reel Dimensional drawing Dimensions in mm Geometry of solder pad Recommended maximum dimensions (mm) General technical data Switching cycles N 100 Tolerance of RR (for A606, A607, A707, A807) ∆R R ±25 % Tolerance of RR (for A907) ∆R R ±35 % Operating temperature range (V = 0) Top 40/+125 °C Operating temperature range (V = Vmax, for A606/607, A707/807) Top 0/+60 °C Operating temperature range (V = Vmax, for A907) Top 40/+85 °C Overcurrent protection SMDs, EIA size 1210, 24 V, 63 V and 230 V A606/607, A707, A807, A907 Page 2 of 10 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B59606A0110A062 |
|
Similar Description - B59606A0110A062 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |