Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28439OXC-2T Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY28439OXC-2T
Description  Clock Generator for Intel Grantsdale Chipset
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28439OXC-2T Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY28439OXC-2T Datasheet HTML 2Page - Cypress Semiconductor CY28439OXC-2T Datasheet HTML 3Page - Cypress Semiconductor CY28439OXC-2T Datasheet HTML 4Page - Cypress Semiconductor CY28439OXC-2T Datasheet HTML 5Page - Cypress Semiconductor CY28439OXC-2T Datasheet HTML 6Page - Cypress Semiconductor CY28439OXC-2T Datasheet HTML 7Page - Cypress Semiconductor CY28439OXC-2T Datasheet HTML 8Page - Cypress Semiconductor CY28439OXC-2T Datasheet HTML 9Page - Cypress Semiconductor CY28439OXC-2T Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
PRELIMINARY
CY28439-2
Document #: 38-07750 Rev. *B
Page 6 of 22
0
1
PCIF1
PCIF1 Output Enable
0 = Disabled, 1 = Enabled
Byte 3: Control Register 3
Bit
@Pup
Name
Description
7
0
RESERVED
RESERVED, Set = 0
6
0
SRC4
Allow control of SRC[T/C]4 with assertion of SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
5
0
SRC3
Allow control of SRC[T/C]3 with assertion of SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
4
0
SATA[T/C]
Allow control of SATA[T/C] with assertion of SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
3
0
SRC2
Allow control of SRC[T/C]2 with assertion of SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
2
0
SRC1
Allow control of SRC[T/C]1 with assertion of SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
1
0
RESERVED
RESERVED
0
0
SRC0
Allow control of SRC[T/C]0 with assertion of SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
Byte 4: Control Register 4
Bit
@Pup
Name
Description
7
HW
FS_E
FS_E Reflects the value of the FS_E pin sampled on power-up. 0 = FS_E
was low during VTT_PWRGD# assertion.
6
0
DOT96[T/C]
DOT_PWRDWN Drive Mode
0 = Driven in PWRDWN, 1 = Tri-state
5
0
PCIF2
Allow control of SRC[T/C]2 with assertion of SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
4
0
PCIF1
Allow control of PCIF1 with assertion of SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
3
0
PCIF0
Allow control of PCIF0 with assertion of SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
2
1
RESERVED
RESERVED, Set = 1
1
1
RESERVED
RESERVED, Set = 1
0
1
RESERVED
RESERVED, Set = 1
Byte 5: Control Register 5
Bit
@Pup
Name
Description
7
0
SRC[T/C]
SRC[T/C] Stop Drive Mode
0 = Driven when PCI_STP# asserted,1 = Tri-state when PCI_STP#
asserted
6
0
RESERVED
RESERVED, Set = 0
5
0
RESERVED
RESERVED, Set = 0
4
0
RESERVED
RESERVED, Set = 0
3
0
SRC[T/C][4:0]
SRC[T/C] PWRDWN Drive Mode
0 = Driven when PD asserted,1 = Tri-state when PD asserted
2
0
RESERVED
RESERVED, Set = 0
1
0
CPU[T/C]1
CPU[T/C]1 PWRDWN Drive Mode
0 = Driven when PD asserted,1 = Tri-state when PD asserted
0
0
CPU[T/C]0
CPU[T/C]0 PWRDWN Drive Mode
0 = Driven when PD asserted,1 = Tri-state when PD asserted
Byte 2: Control Register 2 (continued)
Bit
@Pup
Name
Description


Similar Part No. - CY28439OXC-2T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28439OXC-2T SPECTRALINEAR-CY28439OXC-2T Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
More results

Similar Description - CY28439OXC-2T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28439 CYPRESS-CY28439 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28410-2 CYPRESS-CY28410-2 Datasheet
280Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 CYPRESS-CY28435 Datasheet
306Kb / 23P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28410 CYPRESS-CY28410 Datasheet
281Kb / 18P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28410-2 SPECTRALINEAR-CY28410-2 Datasheet
219Kb / 16P
   Clock Generator for Intel Grantsdale Chipset
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com