Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28439OXC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY28439OXC
Description  Clock Generator for Intel Grantsdale Chipset
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28439OXC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY28439OXC Datasheet HTML 1Page - Cypress Semiconductor CY28439OXC Datasheet HTML 2Page - Cypress Semiconductor CY28439OXC Datasheet HTML 3Page - Cypress Semiconductor CY28439OXC Datasheet HTML 4Page - Cypress Semiconductor CY28439OXC Datasheet HTML 5Page - Cypress Semiconductor CY28439OXC Datasheet HTML 6Page - Cypress Semiconductor CY28439OXC Datasheet HTML 7Page - Cypress Semiconductor CY28439OXC Datasheet HTML 8Page - Cypress Semiconductor CY28439OXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
PRELIMINARY
CY28439
Document #: 38-07668 Rev. *D
Page 4 of 22
Table 1. Command Code Definition
Bit
Description
7
0 = Block read or block write operation, 1 = Byte read or byte write operation
(6:0)
Byte offset for byte read or byte write operation. For block read or block write operations, these bits should be '0000000'
Table 2. Block Read and Block Write Protocol
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
8:2
Slave address – 7 bits
8:2
Slave address – 7 bits
9
Write
9
Write
10
Acknowledge from slave
10
Acknowledge from slave
18:11
Command Code – 8 bits
18:11
Command Code – 8 bits
19
Acknowledge from slave
19
Acknowledge from slave
27:20
Byte Count – 8 bits
(Skip this step if I2C_EN bit set)
20
Repeat start
28
Acknowledge from slave
27:21
Slave address – 7 bits
36:29
Data byte 1 – 8 bits
28
Read = 1
37
Acknowledge from slave
29
Acknowledge from slave
45:38
Data byte 2 – 8 bits
37:30
Byte Count from slave – 8 bits
46
Acknowledge from slave
38
Acknowledge
....
Data Byte /Slave Acknowledges
46:39
Data byte 1 from slave – 8 bits
....
Data Byte N – 8 bits
47
Acknowledge
....
Acknowledge from slave
55:48
Data byte 2 from slave – 8 bits
....
Stop
56
Acknowledge
....
Data bytes from slave / Acknowledge
....
Data Byte N from slave – 8 bits
....
NOT Acknowledge
....
Stop
Table 3. Byte Read and Byte Write Protocol
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
1Start
1Start
8:2
Slave address – 7 bits
8:2
Slave address – 7 bits
9Write
9Write
10
Acknowledge from slave
10
Acknowledge from slave
18:11
Command Code – 8 bits
18:11
Command Code – 8 bits
19
Acknowledge from slave
19
Acknowledge from slave
27:20
Data byte – 8 bits
20
Repeated start
28
Acknowledge from slave
27:21
Slave address – 7 bits
29
Stop
28
Read
29
Acknowledge from slave
37:30
Data from slave – 8 bits
38
NOT Acknowledge
39
Stop


Similar Part No. - CY28439OXC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28439OXC SPECTRALINEAR-CY28439OXC Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439OXC-2 SPECTRALINEAR-CY28439OXC-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28439OXC-2 CYPRESS-CY28439OXC-2 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28439OXC-2T SPECTRALINEAR-CY28439OXC-2T Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28439OXC-2T CYPRESS-CY28439OXC-2T Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results

Similar Description - CY28439OXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28439-2 CYPRESS-CY28439-2 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28410-2 CYPRESS-CY28410-2 Datasheet
280Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 CYPRESS-CY28435 Datasheet
306Kb / 23P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28410 CYPRESS-CY28410 Datasheet
281Kb / 18P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28410-2 SPECTRALINEAR-CY28410-2 Datasheet
219Kb / 16P
   Clock Generator for Intel Grantsdale Chipset
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com