Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28409OCT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY28409OCT
Description  Clock Synthesizer with Differential SRC and CPU Outputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28409OCT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY28409OCT Datasheet HTML 1Page - Cypress Semiconductor CY28409OCT Datasheet HTML 2Page - Cypress Semiconductor CY28409OCT Datasheet HTML 3Page - Cypress Semiconductor CY28409OCT Datasheet HTML 4Page - Cypress Semiconductor CY28409OCT Datasheet HTML 5Page - Cypress Semiconductor CY28409OCT Datasheet HTML 6Page - Cypress Semiconductor CY28409OCT Datasheet HTML 7Page - Cypress Semiconductor CY28409OCT Datasheet HTML 8Page - Cypress Semiconductor CY28409OCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Clock Synthesizer with Differential SRC and
CPU Outputs
CY28409
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-07445 Rev. *D
Revised January 2, 2006
Features
• Supports Intel® Pentium® 4-type CPUs
• Selectable CPU frequencies
• 3.3V power supply
• Ten copies of PCI clocks
• Five copies of 3V66 with one optional VCH
• Two copies 48-MHz USB clocks
• Three differential CPU clock pairs
• One differential SRC clock
•I2C support with readback capabilities
• Ideal Lexmark Spread Spectrum profile for maximum
EMI reduction
• 56-pin SSOP and TSSOP packages
Note:
1. Signals marked with [*] and [**] have internal pull-up and pull-down resistors, respectively.
CPU
SRC
3V66
PCI
REF
48M
x 3
x 1
x 5
x 10
x 2
x 2
Block Diagram
Pin Configuration
REF_0
REF_1
XIN
XOUT
VSS_REF
PCIF0
PCIF1
PCIF2
VDD_PCI
VSS_PCI
PCI0
PCI1
PCI2
PCI3
VDD_PCI
VSS_PCI
PCI4
PCI5
PCI6
PD#
3V66_0
3V66_1
VDD_3V66
VSS_3V66
FS_B
VDD_A
SDATA
VDD_SRC
SRCT
SRCC
VSS_SRC
CPUT0
CPUC0
VDD_CPU
CPUT1
CPUC1
VSS_CPU
CPUT2
CPUC2
VDD_CPU
CPU_STP#
FS_A
VSS_IREF
IREF
VSS_A
VTT_PWRGD#
3V66_2
3V66_3
SCLK
VDD_48
VSS_48
USB_48
3V66_4/VCH
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
32
31
30
29
VDD_REF
XTAL
PLL Ref Freq
XOUT
XIN
VDD_PCI
OSC
SCLK
PLL1
I2C
Logic
VDD_48MHz
SDATA
VDD_3V66
Divider
Network
VDD_CPU
FS_[A:B]
PD#
REF0:1
VTT_PWRGD#
IREF
3V66_[0:3]
PCIF[0:2]
PCI[0:6]
DOT_48
3V66_4/VCH
2
PLL2
CPUT[0:2], CPUC[0:2]
VDD_SRC
SRCT, SRCC
USB_48
CPU_STP#
PCI_STP#
VDD_REF
DOT_48
PCI_STP#
56 SSOP/TSSOP
[1]


Similar Part No. - CY28409OCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28409OCT CYPRESS-CY28409OCT Datasheet
330Kb / 18P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28409OCT SPECTRALINEAR-CY28409OCT Datasheet
218Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results

Similar Description - CY28409OCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
Cypress Semiconductor
CY28409 CYPRESS-CY28409 Datasheet
330Kb / 18P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28419 CYPRESS-CY28419 Datasheet
275Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28419 SPECTRALINEAR-CY28419 Datasheet
207Kb / 15P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28405-3 SPECTRALINEAR-CY28405-3 Datasheet
202Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28409 SPECTRALINEAR-CY28409 Datasheet
218Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com