Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

715P562912L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 715P562912L
Description  Polypropylene Film Capacitors ORANGE DROP® , Low Loss
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

715P562912L Datasheet(HTML) 3 Page - Vishay Siliconix

  715P562912L Datasheet HTML 1Page - Vishay Siliconix 715P562912L Datasheet HTML 2Page - Vishay Siliconix 715P562912L Datasheet HTML 3Page - Vishay Siliconix 715P562912L Datasheet HTML 4Page - Vishay Siliconix 715P562912L Datasheet HTML 5Page - Vishay Siliconix 715P562912L Datasheet HTML 6Page - Vishay Siliconix 715P562912L Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
49
Type 715P
Vishay Sprague
Document Number: 42018
Revision 13-Nov-03
For technical questions, contact spresale@vishay.com
PERFORMANCE CHARACTERISTICS
* Shaded items, when ordered as ± 5% tolerance with D3 leads, are standard capacitors in stock and available through the Sprague® Distribution
Network. To complete the Type 715P Part Number, add the "D3" suffix and change the capacitance tolerance code number from a "9" to a "5"
to indicate ± 5% (i.e., 715P10456LD3). Any other Part Number, value or type may easily be ordered as a Special.
** 60Hz rms.
µF
± 10% TOLERANCE
PART NUMBER
715P12392J
715P15392J
715P18392J
715P22392J
715P27392J
715P33392J
715P39392K
715P47392K
715P56392K
715P68392K
715P82392L
715P10492L
715P12492L
715P15492L
715P18492L
715P22492L
715P27492M
715P33492M
715P39492M
715P47492M
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.95 [24.13]
0.95 [24.13]
0.95 [24.13]
0.95 [24.13]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.70 [43.18]
1.70 [43.18]
1.70 [43.18]
1.70 [43.18]
0.37 [9.40]
0.37 [9.40]
0.37 [9.40]
0.37 [9.40]
0.42 [10.67]
0.42 [10.67]
0.40 [10.16]
0.40 [10.16]
0.45 [11.43]
0.45 [11.43]
0.45 [11.43]
0.45 [11.43]
0.55 [13.97]
0.55 [13.97]
0.62 [15.75]
0.62 [15.75]
0.65 [16.51]
0.65 [16.51]
0.75 [19.05]
0.75 [19.05]
SIZE
D
L
200 VDC/155 VAC**
1
2
5
10
2
5
100
2
5
1000
FREQUENCY - kHz
.0082
µF
.027
µF
.12
µF
.22
µF
600 V
800 V
1
2
5
10
2
5
100
2
5
1000
FREQUENCY - kHz
1000
450
200
100
5
2
10
.0056
µF
.018
µF
.056
µF
.1
µF
1200 V
1000
5
200
100
5
2
10
1000
475
2
100
5
2
10
1
2
5
10
2
5
100
2
5
1000
FREQUENCY - kHz
.0027
µF
.015
µF
.047
µF
1600 V
1000
500
2
100
5
2
10
1
2
5
10
2
5
100
2
5
1000
FREQUENCY - kHz
.0018
µF
.0056
µF
.01
µF
.033
µF
.018
µF
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.0
27µ
F
.0082
µF
.0039
µF
STANDARD RATINGS* in inches [millimeters]


Similar Part No. - 715P562912L

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
715P562912L CDE-715P562912L Datasheet
493Kb / 15P
   Low dissipation factor.
More results

Similar Description - 715P562912L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
715P10354JD3 ETC2-715P10354JD3 Datasheet
493Kb / 15P
   Type 715P, Orange Drop, Polypropylene Film/Foil Capacitors
logo
Vishay Siliconix
225P VISHAY-225P Datasheet
97Kb / 5P
   Polyester Capacitors Filmite® “E”, ORANGE DROP®, Radial Lead
Revision: 19-Feb-07
logo
List of Unclassifed Man...
225P10591YD3 ETC2-225P10591YD3 Datasheet
212Kb / 8P
   Type 225P, Orange Drop, Polyester Film/Foil Capacitors
715P22256JD3 ETC1-715P22256JD3 Datasheet
564Kb / 14P
   Type 715P, Orange Drop짰, Polypropylene Film/Foil Capacitors
logo
Cornell Dubilier Electr...
MPXQD47K CDE-MPXQD47K Datasheet
139Kb / 1P
   Polypropylene Film Capacitors
logo
MERITEK ELECTRONICS COR...
DPPN MERITEK-DPPN Datasheet
111Kb / 1P
   Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
P2S RUBYCON-P2S Datasheet
168Kb / 2P
   POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
PPL MERITEK-PPL Datasheet
157Kb / 1P
   Polypropylene Film Capacitors
TPPN MERITEK-TPPN Datasheet
107Kb / 1P
   Polypropylene Film Capacitors
logo
Vishay Siliconix
288P VISHAY-288P Datasheet
101Kb / 3P
   R-C Arc Suppressors ORANGE DROP®, Radial Lead
Revision 13-Nov-03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com