Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28346ZXCT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY28346ZXCT
Description  Clock Synthesizer with Differential CPU Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28346ZXCT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY28346ZXCT Datasheet HTML 1Page - Cypress Semiconductor CY28346ZXCT Datasheet HTML 2Page - Cypress Semiconductor CY28346ZXCT Datasheet HTML 3Page - Cypress Semiconductor CY28346ZXCT Datasheet HTML 4Page - Cypress Semiconductor CY28346ZXCT Datasheet HTML 5Page - Cypress Semiconductor CY28346ZXCT Datasheet HTML 6Page - Cypress Semiconductor CY28346ZXCT Datasheet HTML 7Page - Cypress Semiconductor CY28346ZXCT Datasheet HTML 8Page - Cypress Semiconductor CY28346ZXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
CY28346
Document #: 38-07331 Rev. *C
Page 4 of 20
Byte 2: PCI Clock Control Register (all bits are Read and Write functional)
Bit
@Pup
Pin#
Description
7
0
53
REF Output Control. 0 = high strength, 1 = low strength.
6
1
18
PCI6 Output Control. 1 = enabled, 0 = forced LOW.
5
1
17
PCI5 Output Control. 1 = enabled, 0 = forced LOW.
4
1
16
PCI4 Output Control. 1 = enabled, 0 = forced LOW.
3
1
13
PCI3 Output Control. 1 = enabled, 0 = forced LOW.
2
1
12
PCI2 Output Control. 1 = enabled, 0 = forced LOW.
1
1
11
PCI1 Output Control. 1 = enabled, 0 = forced LOW.
0
1
10
PCI0 Output Control. 1 = enabled, 0 = forced LOW.
Byte 3: PCI_F Clock and 48M Control Register (all bits are Read and Write functional)
Bit
@Pup
Pin#
Description
7
1
38
48MDOT Output Control. 1 = enabled, 0 = forced LOW.
6
1
39
48MUSB Output Control. 1 = enabled, 0 = forced LOW.
5
0
7
PCI_STP#, Control of PCI_F2. 0 = Free Running, 1 = Stopped when PCI_STP# is LOW.
4
0
6
PCI_STP#, Control of PCI_F1. 0 = Free Running, 1 = Stopped when PCI_STP# is LOW.
3
0
5
PCI_STP#, Control of PCI_F0. 0 = Free Running, 1 = Stopped when PCI_STP# is LOW.
2
1
7
PCI_F2 Output Control. 1 = running, 0 = forced LOW.
1
1
6
PCI_F1 Output Control. 1 = running, 0 = forced LOW.
0
1
5
PCI_F0 Output Control. 1 = running, 0 = forced LOW.
Byte 4: DRCG Control Register (all bits are Read and Write functional)
Bit
@Pup
Pin#
Description
7
0
SS2 Spread Spectrum Control Bit (0 = down spread, 1 = center spread).
6
0
Reserved. Set = 0.
5
1
33
3V66_0 Output Enabled. 1 = enabled, 0 = disable.
4
1
35
3V66_1/VCH Output Enable. 1 = enabled, 0 = disabled.
3
1
24
3V66_5 Output Enable. 1 = enabled, 0 = disabled.
2
1
23
66B2/3V66_4 Output Enabled. 1 = enabled, 0 = disabled.
1
1
22
66B1/3V66_3 Output Enabled. 1 = enabled, 0 = disabled.
0
1
21
66B0/3V66_2 Output Enabled. 1 = enabled, 0 = disabled.
Byte 5: Clock Control Register (all bits are Read and Write functional)
Bit
@Pup
Pin#
Description
7
0
SS1 Spread Spectrum Control Bit.
6
1
SS0 Spread Spectrum Control Bit.
5
0
66IN to 66M delay Control MSB.
4
0
66IN to 66M delay Control LSB.
3
0
Reserved. Set = 0.
2
0
48MDOT Edge Rate Control. When set to 1, the edge is slowed by 15%.
1
0
Reserved. Set = 0.
0
0
USB edge rate control. When set to 1, the edge is slowed by 15%.


Similar Part No. - CY28346ZXCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28346ZXCT SPECTRALINEAR-CY28346ZXCT Datasheet
220Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
More results

Similar Description - CY28346ZXCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346 Datasheet
179Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346 SPECTRALINEAR-CY28346 Datasheet
220Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346 SILABS-CY28346 Datasheet
200Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2 Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346-2 SPECTRALINEAR-CY28346-2 Datasheet
168Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com