Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28354OXC-400 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY28354OXC-400
Description  210-MHz 24-Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28354OXC-400 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY28354OXC-400 Datasheet HTML 1Page - Cypress Semiconductor CY28354OXC-400 Datasheet HTML 2Page - Cypress Semiconductor CY28354OXC-400 Datasheet HTML 3Page - Cypress Semiconductor CY28354OXC-400 Datasheet HTML 4Page - Cypress Semiconductor CY28354OXC-400 Datasheet HTML 5Page - Cypress Semiconductor CY28354OXC-400 Datasheet HTML 6Page - Cypress Semiconductor CY28354OXC-400 Datasheet HTML 7Page - Cypress Semiconductor CY28354OXC-400 Datasheet HTML 8Page - Cypress Semiconductor CY28354OXC-400 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY28354-400
Document #: 38-07615 Rev. *B
Page 3 of 9
Serial Configuration Map
• The Serial bits will be read by the clock driver in the following
order.
Byte 0 – Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte 1 – Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte N – Bits 7, 6, 5, 4, 3, 2, 1, 0
• Reserved and unused bits should be programmed to “0”
• SMBus Address for the CY28354 is as follows.
Table 2. Block Read and Block Write Protocol
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
2:8
Slave address – 7 bits
2:8
Slave address – 7 bits
9Write = 0
9
Write = 0
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code – 8 bits
'00000000' stands for block operation
11:18
Command Code – 8 bits
'00000000' stands for block operation
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Byte Count from master – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29:36
Data byte 0 from master – 8 bits
28
Read = 1
37
Acknowledge from slave
29
Acknowledge from slave
38:45
Data byte 1 from master – 8 bits
30:37
Byte count from slave – 8 bits
46
Acknowledge from slave
38
Acknowledge
....
Data bytes from master/Acknowledge
39:46
Data byte 0 from slave – 8 bits
....
Data Byte N – 8 bits
47
Acknowledge
....
Acknowledge from slave
48:55
Data byte 1 from slave – 8 bits
....
Stop
56
Acknowledge
....
Data bytes from slave/Acknowledge
....
Data byte N from slave – 8 bits
....
Not Acknowledge
....
Stop
A6 A5 A4 A3 A2 A1 A0 R/W
SEL ADDR = 1
1101001
SEL ADDR = 0
1101110


Similar Part No. - CY28354OXC-400

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28354OXC-400 SPECTRALINEAR-CY28354OXC-400 Datasheet
168Kb / 8P
   210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
logo
Silicon Laboratories
CY28354OXC-400 SILABS-CY28354OXC-400 Datasheet
120Kb / 8P
   210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
logo
SpectraLinear Inc
CY28354OXC-400T SPECTRALINEAR-CY28354OXC-400T Datasheet
168Kb / 8P
   210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
logo
Silicon Laboratories
CY28354OXC-400T SILABS-CY28354OXC-400T Datasheet
120Kb / 8P
   210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
More results

Similar Description - CY28354OXC-400

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CY28354-400 SILABS-CY28354-400 Datasheet
120Kb / 8P
   210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
logo
SpectraLinear Inc
CY28354-400 SPECTRALINEAR-CY28354-400 Datasheet
168Kb / 8P
   210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
logo
Cypress Semiconductor
W255 CYPRESS-W255 Datasheet
255Kb / 10P
   200-MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
SpectraLinear Inc
W255 SPECTRALINEAR-W255 Datasheet
195Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Silicon Laboratories
W255 SILABS-W255 Datasheet
135Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02D PLL-PLL103-02D Datasheet
147Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
Abracon Corporation
ABB0302 ABRACON-ABB0302 Datasheet
63Kb / 6P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02 PLL-PLL103-02 Datasheet
178Kb / 6P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
Cypress Semiconductor
CY28325-3 CYPRESS-CY28325-3 Datasheet
266Kb / 19P
   FTG for VIA Pentium 4 Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com