Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28346OC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY28346OC
Description  Clock Synthesizer with Differential CPU Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28346OC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY28346OC Datasheet HTML 7Page - Cypress Semiconductor CY28346OC Datasheet HTML 8Page - Cypress Semiconductor CY28346OC Datasheet HTML 9Page - Cypress Semiconductor CY28346OC Datasheet HTML 10Page - Cypress Semiconductor CY28346OC Datasheet HTML 11Page - Cypress Semiconductor CY28346OC Datasheet HTML 12Page - Cypress Semiconductor CY28346OC Datasheet HTML 13Page - Cypress Semiconductor CY28346OC Datasheet HTML 14Page - Cypress Semiconductor CY28346OC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
CY28346
Document #: 38-07331 Rev. *C
Page 11 of 20
PCI_STP# – Deassertion (transition from logic “0”
to logic “1”)
The deassertion of the PCI_STP# signal will cause all PCI(0:6)
and stoppable PCI_F(0:2) clocks to resume running in a
synchronous manner within two PCI clock periods after
PCI_STP# transitions to a HIGH level.
Note. The PCI STOP function is controlled by two inputs. One
is the device PCI_STP# pin number 34 and the other is SMBus
Byte 0,Bit 3. These two inputs to the function are logically
AND’ed. If either the external pin or the internal SMBus
register bit is set LOW, the stoppable PCI clocks will be
stopped in a logic LOW state. Reading SMBus Byte 0,Bit 3 will
return a 0 value if either of these control bits are set LOW
(which indicates that the devices stoppable PCI clocks are not
running).
PD# (Power-down) Clarification
The PD# (power-down) pin is used to shut off all clocks prior
to shutting off power to the device. PD# is an asynchronous
active LOW input. This signal is synchronized internally to the
device powering down the clock synthesizer. PD# is an
asynchronous function for powering up the system. When PD#
is LOW, all clocks are driven to a LOW value and held there
and the VCO and PLLs are also powered down. All clocks are
shut down in a synchronous manner so has not to cause
glitches while transitioning to the LOW “stopped” state.
PD# – Assertion
When PD# is sampled LOW by two consecutive rising edges
of the CPUC clock, then on the next HIGH-to-LOW transition
of PCIF, the PCIF clock is stopped LOW. On the next
HIGH-to-LOW transition of 66Buff, the 66Buff clock is stopped
LOW. From this time, each clock will stop LOW on its next
HIGH-to-LOW transition, except the CPUT clock. The CPU
clocks are held with the CPUT clock pin driven HIGH with a
value of 2 × Iref, and CPUC undriven. After the last clock has
stopped, the rest of the generator will be shut down.
PD# – Deassertion
The power-up latency between PD# rising to a valid logic ‘1’
level and the starting of all clocks is less than 3.0 ms.
PCI_STP#
PCI_F(0:2) 33M
PCI(0:6) 33M
setup
t
Figure 11. PCI_STP# Assertion Waveform
PCI_STP#
PCI_F(0:2)
PCI(0:6)
setup
t
Figure 12. PCI_STP# Deassertion Waveform


Similar Part No. - CY28346OC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28346OC CYPRESS-CY28346OC Datasheet
179Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346OC SPECTRALINEAR-CY28346OC Datasheet
220Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346OC SILABS-CY28346OC Datasheet
200Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346OCT CYPRESS-CY28346OCT Datasheet
179Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346OCT SPECTRALINEAR-CY28346OCT Datasheet
220Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
More results

Similar Description - CY28346OC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346 Datasheet
179Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346 SPECTRALINEAR-CY28346 Datasheet
220Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346 SILABS-CY28346 Datasheet
200Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2 Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346-2 SPECTRALINEAR-CY28346-2 Datasheet
168Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com