Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28341-3 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY28341-3
Description  Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28341-3 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY28341-3 Datasheet HTML 7Page - Cypress Semiconductor CY28341-3 Datasheet HTML 8Page - Cypress Semiconductor CY28341-3 Datasheet HTML 9Page - Cypress Semiconductor CY28341-3 Datasheet HTML 10Page - Cypress Semiconductor CY28341-3 Datasheet HTML 11Page - Cypress Semiconductor CY28341-3 Datasheet HTML 12Page - Cypress Semiconductor CY28341-3 Datasheet HTML 13Page - Cypress Semiconductor CY28341-3 Datasheet HTML 14Page - Cypress Semiconductor CY28341-3 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
PRELIMINARY
CY28341-3
Document #: 38-07580 Rev. **
Page 11 of 19
Power-down Deassertion (K7 Mode)
When deasserted PD# to high level, all clocks are enabled and
start running on the rising edge of the next full period in order
to guarantee a glitch free operation, no partial clock pulses.
PCI 33MHz
PD#
REF 14.318MHz
USB 48MHz
DDRT 133MHz
DDRC 133MHz
AGP 66MHz
CPUOD_C 133MHz
CPUCS_C 133MHz
CPUOD_T 133MHz
CPUCS_T 133MHz
Figure 4. Power-down Assertion Timing Waveform (In K7 Mode)
PC I 33M H z
PD #
CPUT 133M Hz
CPUC 133M Hz
AG P 66M H z
R EF 14.318M H z
U SB 48M H z
<1.5 m sec
DDRT 133M Hz
DDRC 133M Hz
Figure 5. Power-down Deassertion Timing Waveform (in K7 Mode)


Similar Part No. - CY28341-3

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28341-3 SPECTRALINEAR-CY28341-3 Datasheet
263Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
More results

Similar Description - CY28341-3

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28341-3 SPECTRALINEAR-CY28341-3 Datasheet
263Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
Cypress Semiconductor
CY28341-2 CYPRESS-CY28341-2_05 Datasheet
320Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341-2 SPECTRALINEAR-CY28341-2 Datasheet
228Kb / 18P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
Cypress Semiconductor
CY28341-2 CYPRESS-CY28341-2 Datasheet
174Kb / 19P
   Universal Clock Chip for VIA P4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341 SPECTRALINEAR-CY28341 Datasheet
264Kb / 19P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 SPECTRALINEAR-CY28347 Datasheet
230Kb / 21P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 CYPRESS-CY28347 Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com