Part Name
         Description
LDO57

 IP Library: High Output Current, Low power, 400mA Low Dropout Voltage Regulator ( 4 Page)


STMICROELECTRONICS
100% 
Zoom Out Zoom In
   
 4 page
background image
LDO_57
4/4
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or
systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom - United States
http://www.st.com



Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LDO52IP Library: High PSRR Low Power 70mA Low Dropout Voltage Regulator 1 2 3 4 STMicroelectronics
LDO53IP Library: High PSRR Very Low Power 40mA Low Dropout Voltage Regulator 1 2 3 4 STMicroelectronics
LDO59IP Library: Ultra Low Noise High PSRR Low Power 20mA Low Dropout Voltage Regulator 1 2 3 4 STMicroelectronics
LDOC515IP Library: Very Low power Very High PSRR 100mA Low Dropout Voltage Regulator 1 2 3 4 STMicroelectronics
LDOC516IP Library: High PSRR Low Power 100mA Low Dropout Voltage Regulator 1 2 3 4 STMicroelectronics
SPX293003A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response Time 1 2 3 4 5 MoreSipex Corporation
SPX27303A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response 1 2 3 4 5 MoreSipex Corporation
SPX291501.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response 1 2 3 4 5 MoreSipex Corporation
LDO51IP Library: High PSRR Low power 80mA Low Dropout Voltage Regulator 1 2 3 4 STMicroelectronics
LDO514IP Library: High PSRR Very Low power 200mA Low Dropout Voltage Regulator 1 2 3 4 STMicroelectronics

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl