Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDO57 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LDO57
Description  IP Library: High Output Current, Low power, 400mA Low Dropout Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO57 Datasheet(HTML) 3 Page - STMicroelectronics

  LDO57 Datasheet HTML 1Page - STMicroelectronics LDO57 Datasheet HTML 2Page - STMicroelectronics LDO57 Datasheet HTML 3Page - STMicroelectronics LDO57 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LDO_57
3/4
1
10
100
1000
10000
100000
1000000
-70
-60
-50
-40
-30
-20
FREQUENCY (Hz)
150m V
170m V
200m V
2V
ELECTRICAL CHARACTERISTICS : (Stand-by mode)
3V < VIN < 5.5V, -30°C < TA < +85°C, VREF = 2.8V, COUT = 4.7µF ±20%, 20mΩ < ESR < 0.6Ω,
ILOAD =500µA.
Typical case : VIN = 4V, Ambient temperature, ILOAD = 500µA.
TYPCIAL CHARACTERISTICS
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output current in stand-by mode
IOUTSTDBY
500
µA
Quiescent Current in stand-by mode
ISTDBY
ILOAD = 500µA20
30
Power Supply Rejection Ratio
in stand-by mode
PSRRSTY
f = 10KHz
35
45
dB
Line Regulation in stand-by mode
LirSTDBY
ILOAD = 500µA,
VIN = 2.9V to 5.5V
26
mV
Load Regulation
LdrSTDBY
ILOAD = 100µA - 500µA
50
55
mV
Figure 7 : PSRR vs Frequency
for Various Voltage Drop


Similar Part No. - LDO57

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
LDO5 EXAR-LDO5 Datasheet
1Mb / 29P
   Quad Channel Digital PWM/PFM Programmable Power Management System
logo
STMicroelectronics
LDO51 STMICROELECTRONICS-LDO51 Datasheet
204Kb / 4P
   IP Library: High PSRR, Low power, 80mA Low Dropout Voltage Regulator
LDO512 STMICROELECTRONICS-LDO512 Datasheet
269Kb / 6P
   IP Library: Ultra Low Noise, High PSRR, Low Power, 30mA Very Low Dropout Voltage Regulators
LDO513 STMICROELECTRONICS-LDO513 Datasheet
98Kb / 4P
   IP Library: Power Supply Range 2.9V to 13V, Low Power, 50mA Low Dropout Voltage Regulator
LDO514 STMICROELECTRONICS-LDO514 Datasheet
164Kb / 4P
   IP Library: High PSRR, Very Low power, 200mA Low Dropout Voltage Regulator
More results

Similar Description - LDO57

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDOC516 STMICROELECTRONICS-LDOC516 Datasheet
24Kb / 4P
   IP Library: High PSRR, Low Power, 100mA Low Dropout Voltage Regulator
LDO51 STMICROELECTRONICS-LDO51 Datasheet
204Kb / 4P
   IP Library: High PSRR, Low power, 80mA Low Dropout Voltage Regulator
LDO52 STMICROELECTRONICS-LDO52 Datasheet
48Kb / 4P
   IP Library: High PSRR, Low Power, 70mA Low Dropout Voltage Regulator
LDO55 STMICROELECTRONICS-LDO55 Datasheet
21Kb / 2P
   IP Library: Very Low Power, Adjustable Output Voltage짼, 25mA Low Dropout Voltage Regulator
LDO514 STMICROELECTRONICS-LDO514 Datasheet
164Kb / 4P
   IP Library: High PSRR, Very Low power, 200mA Low Dropout Voltage Regulator
LDO518 STMICROELECTRONICS-LDO518 Datasheet
105Kb / 4P
   IP Library: Low Noise, High PSRR 100mA Low Dropout Voltage Regulator
LDO53 STMICROELECTRONICS-LDO53 Datasheet
97Kb / 4P
   IP Library: High PSRR, Very Low Power, 40mA Low Dropout Voltage Regulator
LDOC515 STMICROELECTRONICS-LDOC515 Datasheet
24Kb / 4P
   IP Library: Very Low power, Very High PSRR 100mA Low Dropout Voltage Regulator
LDO58 STMICROELECTRONICS-LDO58 Datasheet
106Kb / 4P
   IP Library: Ultra Low Noise, Low power, 100mA Low Dropout Voltage Regulator
LDO59 STMICROELECTRONICS-LDO59 Datasheet
95Kb / 4P
   IP Library: Ultra Low Noise, High PSRR, Low Power, 20mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com