Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD57070STR-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # PD57070STR-E
Description  RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57070STR-E Datasheet(HTML) 5 Page - STMicroelectronics

  PD57070STR-E Datasheet HTML 1Page - STMicroelectronics PD57070STR-E Datasheet HTML 2Page - STMicroelectronics PD57070STR-E Datasheet HTML 3Page - STMicroelectronics PD57070STR-E Datasheet HTML 4Page - STMicroelectronics PD57070STR-E Datasheet HTML 5Page - STMicroelectronics PD57070STR-E Datasheet HTML 6Page - STMicroelectronics PD57070STR-E Datasheet HTML 7Page - STMicroelectronics PD57070STR-E Datasheet HTML 8Page - STMicroelectronics PD57070STR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
PD57070-E, PD57070S-E
Impedances
5/22
3
Impedances
Figure 1.
Current conventions
Table 5.
Impedance data (PD57070S)
Freq. (MHz)
ZIN (Ω)ZDL(Ω)
900
0.37 + j 0.60
1.7 - j 0.50
920
0.35 + j 0.60
1.6 - j 0.30
940
0.55 + j 0.40
1.5 - j 0.21
960
0.42 + j 0.30
1.4 - j 0.18
980
0.20 + j 0.20
1.2 - j 0.15


Similar Part No. - PD57070STR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD57070S STMICROELECTRONICS-PD57070S Datasheet
296Kb / 13P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
logo
List of Unclassifed Man...
PD57070S ETC1-PD57070S Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
More results

Similar Description - PD57070STR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD56120 STMICROELECTRONICS-SD56120_06 Datasheet
311Kb / 15P
   RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57060-E STMICROELECTRONICS-PD57060-E Datasheet
488Kb / 21P
   RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
May 2012 Rev 2
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
July 2009
PD54003-E STMICROELECTRONICS-PD54003-E_10 Datasheet
1Mb / 27P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008-E STMICROELECTRONICS-PD55008-E_10 Datasheet
501Kb / 25P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com