Electronic Components Datasheet Search |
|
AT88SC1616C-WI Datasheet(PDF) 8 Page - ATMEL Corporation |
|
AT88SC1616C-WI Datasheet(HTML) 8 Page - ATMEL Corporation |
8 / 20 page 8 AT88SC1616C 2030IS–SMIC–04/07 Device Architecture User Zones The EEPROM user memory is divided into 16 zones of 1024 bits each. Multiple zones allow for different types of data or files to be stored in different zones. Access to the user zones is allowed only after security requirements have been met. These security requirements are defined by the user during the personalization of the device in the con- figuration memory. If the same security requirements are selected for multiple zones, then these zones may effectively be accessed as one larger zone. Control Logic Access to the user zones occurs only through the control logic built into the device. This logic is configurable through access registers, key registers and keys programmed into the configuration memory during device personalization. Also implemented in the con- trol logic is a cryptographic engine for performing the various higher-level security functions of the device. Configuration Memory The configuration memory consists of 2048 bits of EEPROM memory used for storing passwords, keys and codes and for defining security levels to be used for each user zone. Access rights to the configuration memory are defined in the control logic and may not be altered by the user. Figure 8. User Zone ZONE $0 $1 $2 $3 $4 $5 $6 $7 User 0 $00 - 128 Bytes - $78 User 1 $00 -- - -- User 14 $78 User 15 $00 - 128 Bytes - $78 |
Similar Part No. - AT88SC1616C-WI |
|
Similar Description - AT88SC1616C-WI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |