Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM55DR61H106KA88L Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # GRM55DR61H106KA88L
Description  N-Channel Enhancement-Mode Lateral MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

GRM55DR61H106KA88L Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button GRM55DR61H106KA88L Datasheet HTML 2Page - Freescale Semiconductor, Inc GRM55DR61H106KA88L Datasheet HTML 3Page - Freescale Semiconductor, Inc GRM55DR61H106KA88L Datasheet HTML 4Page - Freescale Semiconductor, Inc GRM55DR61H106KA88L Datasheet HTML 5Page - Freescale Semiconductor, Inc GRM55DR61H106KA88L Datasheet HTML 6Page - Freescale Semiconductor, Inc GRM55DR61H106KA88L Datasheet HTML 7Page - Freescale Semiconductor, Inc GRM55DR61H106KA88L Datasheet HTML 8Page - Freescale Semiconductor, Inc GRM55DR61H106KA88L Datasheet HTML 9Page - Freescale Semiconductor, Inc GRM55DR61H106KA88L Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
RF Device Data
Freescale Semiconductor
MRF5S4125NR1 MRF5S4125NBR1
TYPICAL CHARACTERISTICS
Figure 7. Intermodulation Distortion Products
versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
−70
−10
1
100
−40
−50
10
−30
−20
7th Order
5th Order
3rd Order
Figure 8. Intermodulation Distortion Products
versus Tone Spacing
10
TWO −TONE SPACING (MHz)
IM7 −L
−30
−40
−50
1
100
Figure 9. Pulsed CW Output Power versus
Input Power
36
59
25
Pin, INPUT POWER (dBm)
56
54
52
26
28
27
30
29
33
31
Actual
Ideal
P1dB = 51.16 dBm (130.62 W)
57
53
55
32
34
24
P6dB = 52.98 dBm (198.6 W)
Figure 10. Single-Carrier N-CDMA ACPR, ALT1, Power
Gain and Drain Efficiency versus Output Power
0−75
Pout, OUTPUT POWER (WATTS) AVG.
50
−25
25
−35
20
−40
15
−55
5
−70
110
−60
10
ηD
Gps
TC = −30_C
ACPR
50
P3dB = 52.26 dBm (168.27 W)
300
IM7 −U
IM5 −L
IM5 −U
IM3 −L
IM3 −U
−20
−10
35
51
30
35
40
45
−65
−50
−45
−30
25
_C
85
_C
VDD = 28 Vdc, IDQ = 1100 mA, f = 465 MHz
Single −Carrier N−CDMA
1.2288 MHz Channel Bandwidth, PAR = 9.8 dB
@ 0.01% Probability (CCDF)
49
−30
_C
−60
200
VDD = 28 Vdc
f1 = 465 MHz, f2 = 467.5 MHz
Two −Tone Measurements, 2.5 MHz Tone Spacing
−60
58
ALT1
85
_C
25
_C
−30
_C
85
_C
25
_C
VDD = 28 Vdc, Pout = 120 W (PEP)
IDQ = 1100 mA, Two−Tone Measurements
(f1 + f2)/2 = Center Frequency of 465 MHz
60
VDD = 28 Vdc, IDQ = 1100 mA
CW
f = 465 MHz


Similar Part No. - GRM55DR61H106KA88L

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
GRM55DR61H106KA88L FREESCALE-GRM55DR61H106KA88L Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
GRM55DR61H106KA88L NXP-GRM55DR61H106KA88L Datasheet
377Kb / 13P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 3, 12/2013
logo
Freescale Semiconductor...
GRM55DR61H106KA88L FREESCALE-GRM55DR61H106KA88L Datasheet
948Kb / 19P
   RF Power LDMOS Transistors
logo
NXP Semiconductors
GRM55DR61H106KA88L NXP-GRM55DR61H106KA88L Datasheet
672Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 2, 12/2013
logo
Freescale Semiconductor...
GRM55DR61H106KA88L FREESCALE-GRM55DR61H106KA88L Datasheet
1Mb / 20P
   RF Power LDMOS Transistors Enhancement--Mode Lateral MOSFETs
More results

Similar Description - GRM55DR61H106KA88L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5S19130R3 MOTOROLA-MRF5S19130R3 Datasheet
417Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF184R1 MOTOROLA-MRF184R1 Datasheet
1,015Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRFE6S9125NR1 FREESCALE-MRFE6S9125NR1 Datasheet
598Kb / 18P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2150N FREESCALE-MRF6V2150N Datasheet
205Kb / 8P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
A2T18S160W31S NXP-A2T18S160W31S Datasheet
669Kb / 20P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 0, 5/2015
A2T27S020N NXP-A2T27S020N Datasheet
493Kb / 18P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 01/2018
logo
Freescale Semiconductor...
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
442Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300N FREESCALE-MRF6V2300N Datasheet
208Kb / 8P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
AFT20P060-4NR3 NXP-AFT20P060-4NR3 Datasheet
557Kb / 16P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 12/2013
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3 Datasheet
399Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com