Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC0808CRF-MR1 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT88SC0808CRF-MR1
Description  CryptoRF EEPROM Memory 8 Kbits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0808CRF-MR1 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT88SC0808CRF-MR1 Datasheet HTML 1Page - ATMEL Corporation AT88SC0808CRF-MR1 Datasheet HTML 2Page - ATMEL Corporation AT88SC0808CRF-MR1 Datasheet HTML 3Page - ATMEL Corporation AT88SC0808CRF-MR1 Datasheet HTML 4Page - ATMEL Corporation AT88SC0808CRF-MR1 Datasheet HTML 5Page - ATMEL Corporation AT88SC0808CRF-MR1 Datasheet HTML 6Page - ATMEL Corporation AT88SC0808CRF-MR1 Datasheet HTML 7Page - ATMEL Corporation AT88SC0808CRF-MR1 Datasheet HTML 8Page - ATMEL Corporation AT88SC0808CRF-MR1 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
AT88SC0808CRF
5027CS–CRRF–12/06
The REQB command performs the same function but does not affect a PICC in the Halt
state. The CryptoRF command set is available only after the anticollision process has
been completed.
CRC Error Detection
A two-byte CRC_B is required in each frame transmitted by the PICC or PCD to permit
transmission error detection. The CRC_B is calculated on all of the command and data
bytes in the frame. The SOF, EOF, start bits, stop bits, and EGT are not included in the
CRC_B calculation. The two-byte CRC_B follows the data bytes in the frame.
Figure 2. Location of the Two CRC_B Bytes within a Frame
Type A Tolerance
The RF Interface is designed for use in multiprotocol applications. It will not latch or lock
up if exposed to Type A signals and will not respond to them. The PICC may reset in the
presence of Type A field modulation but is not damaged by exposure to Type A signals.
SOF
K data bytes
CRC1
CRC2
EOF


Similar Part No. - AT88SC0808CRF-MR1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0808CRF-MR1 ATMEL-AT88SC0808CRF-MR1 Datasheet
169Kb / 10P
   13.56 MHz CryptoRF짰 EEPROM Memory 8 Kbits
AT88SC0808CRF-MR1 ATMEL-AT88SC0808CRF-MR1 Datasheet
896Kb / 158P
   CryptoRF Specification
More results

Similar Description - AT88SC0808CRF-MR1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0808CRF ATMEL-AT88SC0808CRF Datasheet
102Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
AT88SC6416CRF ATMEL-AT88SC6416CRF Datasheet
138Kb / 9P
   CryptoRF EEPROM Memory 64 Kbits
AT88SC0104CRF ATMEL-AT88SC0104CRF Datasheet
102Kb / 9P
   CryptoRF EEPROM Memory 1 Kbits
AT88SC1616CRF ATMEL-AT88SC1616CRF Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 16 Kbits
AT88RF04C ATMEL-AT88RF04C Datasheet
271Kb / 11P
   13.56 MHz CryptoRF EEPROM Memory 4 Kbits
AT88SC0204CRF ATMEL-AT88SC0204CRF Datasheet
304Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 2 Kbits
AT88SC6416CRF ATMEL-AT88SC6416CRF_06 Datasheet
304Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 64 Kbits
AT88SC0104CRF ATMEL-AT88SC0104CRF_06 Datasheet
305Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 1 Kbits
AT88SC0404CRF ATMEL-AT88SC0404CRF Datasheet
248Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 4 Kbits
AT88SC3216CRF ATMEL-AT88SC3216CRF Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 32 Kbits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com