Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR163 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MR163
Description  White LED Cup Light Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MR163 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MR163 Datasheet HTML 2Page - List of Unclassifed Manufacturers MR163 Datasheet HTML 3Page - List of Unclassifed Manufacturers MR163 Datasheet HTML 4Page - List of Unclassifed Manufacturers MR163 Datasheet HTML 5Page - List of Unclassifed Manufacturers MR163 Datasheet HTML 6Page - List of Unclassifed Manufacturers MR163 Datasheet HTML 7Page - List of Unclassifed Manufacturers MR163 Datasheet HTML 8Page - List of Unclassifed Manufacturers MR163 Datasheet HTML 9Page - List of Unclassifed Manufacturers MR163 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
http://www.hawyang.com.tw/
- 6 -
Electrical Characteristics (Cont.)
Error Amplifier Section
PARAMETER
SYMBOL TEST CONDITIONS MIN
TYP
MAX UNIT
Input Bias Current
IB
-
-1.0
-0.2
1.0
µA
Open Loop Gain
AVO
-
-
40
-
dB
Frequency Bandwidth
FT
AVO = 0dB
-
6
-
MHz
Positive
VOH
VIN- = 0.3V
0.75
0.87
0.9
FB Swing
Voltage
Negative
VOL
VIN- = 0.7V
0.05
0.2
V
FB Source Current
ISO
-30
-45
FB Sink Current
ISI
VFB = 500mV
30
45
µA
†All typical values are at TA=25℃.
Idle Period Adjustment Section
PARAMETER
SYMBOL TEST CONDITIONS MIN
TYP
MAX UNIT
Maximum Duty Cycle
TDUTY
VIN- = 0.2V
-
90
-
%
Total Device Section
PARAMETER
SYMBOL TEST CONDITIONS MIN
TYP
MAX UNIT
Average Supply Current
IAV
-
-
3
5
mA
Output Power-MOS Section
PARAMETER
SYMBOL TEST CONDITIONS MIN
TYP
MAX UNIT
Breakdown Voltage
VDSS
VFB = 0.1V
-
-20
-
V
Source Current
IDS
-
-
-2
-
A
VCC = 5.0V, VIN- = 0V
70
150
On Resistance
RDS(ON)
VCC = 10.0V, VIN- = 0V
42
90
mΩ
Leakage Current
IDS(OFF)
-
5
µA


Similar Part No. - MR163

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
MR16 OPTOSUPPLY-MR16 Datasheet
590Kb / 1P
   Spot lighting for display, decorating light, office, school, conference room etc
logo
HB Electronic Component...
MR16-3.5W-W3-E27 HB-MR16-3.5W-W3-E27 Datasheet
200Kb / 1P
   Lens Appearance
MR16-3.5W-W3-GU10 HB-MR16-3.5W-W3-GU10 Datasheet
261Kb / 1P
   Lens Appearance
MR16-3.5W-W3-GU5.3 HB-MR16-3.5W-W3-GU5.3 Datasheet
386Kb / 1P
   Lens Appearance
MR16-3.5W-W6-E27 HB-MR16-3.5W-W6-E27 Datasheet
267Kb / 1P
   Emitted Color Pure White Warm White Lens Appearance
More results

Similar Description - MR163

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSMH50830GP-R5MAS1C1A-D OPTOSUPPLY-OSMH50830GP-R5MAS1C1A-D Datasheet
122Kb / 4P
   White LED Ribbon Light
logo
Energizer
CAPW2BODE ENERGIZER-CAPW2BODE Datasheet
82Kb / 1P
   Trailfinder White LED Cap Light
logo
Texas Instruments
TPS61042EVM-226 TI-TPS61042EVM-226 Datasheet
244Kb / 22P
[Old version datasheet]   WHITE LIGHT LED BIAS SUPPLY EVM
logo
Advantech Co., Ltd.
DPX-LED ADVANTECH-DPX-LED Datasheet
444Kb / 1P
   Intelligent LED Strip Light Controller
3-Aug-2022
logo
List of Unclassifed Man...
EC4006 ETC2-EC4006 Datasheet
211Kb / 8P
   DC/DC WHITE LIGHT LED DRIVER
logo
Shenzhen Huazhimei Semi...
HM5108 HMSEMI-HM5108 Datasheet
833Kb / 7P
   Single chip LED light controller
logo
LightKey Optoelectronic...
LST3528WY LIGHTKEY-LST3528WY Datasheet
119Kb / 3P
   3.5X2.8mm White SMD LED for Light Source
logo
Schneider Electric
XB4BVCUST01 SCHNEIDER-XB4BVCUST01 Datasheet
122Kb / 1P
   WHITE PILOT LIGHT WITH INTEGRAL LED 400V
logo
LightKey Optoelectronic...
LST5050WY LIGHTKEY-LST5050WY Datasheet
236Kb / 3P
   5.0X5.0mm White SMD LED for Light Source
logo
SHOUDING Shouding Semic...
SD3038B SHOUDING-SD3038B Datasheet
2Mb / 14P
   HIgh-EffIcIency TransmItter-LIght White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com