Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7165 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE7165
Description  DMOS Audio Amplifier, 100W, for Self -Powered Loudspeakers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7165 Datasheet(HTML) 3 Page - NTE Electronics

  NTE7165 Datasheet HTML 1Page - NTE Electronics NTE7165 Datasheet HTML 2Page - NTE Electronics NTE7165 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Pin Connection Diagram
(Front View)
(+)VS (Signal)
(-)VS (Signal)
(-)VS (Power)
N.C.
(+) VS (Power)
SVR
Stand - By
Stand - By GND
Non - Inverting Input
Bootstrap
N.C.
N.C.
Output
Mute
Inverting Input
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
.699
(17.7)
.860
(21.8)
.150 (3.81) Dia Max
.791 (20.1)
.689
(17.5)
.069 (1.75)
.196 (4.99)
.110
(2.79)
.169
(4.29)
.008 (.203)
.050 (1.27)
.200
(5.08)
15
1


Similar Part No. - NTE7165

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7160 NTE-NTE7160 Datasheet
30Kb / 2P
   Integrated Circuit Video Switch
NTE7162 NTE-NTE7162 Datasheet
47Kb / 4P
   Integrated Circuit DC−Coupled Vertical Deflection and East−West Output Circuit
NTE7163 NTE-NTE7163 Datasheet
43Kb / 3P
   Intergrated Circut 4 x 40W Quad Bridge Car Radio Amplifier
NTE7164 NTE-NTE7164 Datasheet
64Kb / 2P
   Double−Balanced Mixer & Oscillator
NTE7166 NTE-NTE7166 Datasheet
30Kb / 3P
   Integrated Circuit Flyback Switching Regulator
More results

Similar Description - NTE7165

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7293 STMICROELECTRONICS-TDA7293 Datasheet
342Kb / 13P
   120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7294 STMICROELECTRONICS-TDA7294_07 Datasheet
1Mb / 17P
   100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7294S STMICROELECTRONICS-TDA7294S_05 Datasheet
287Kb / 16P
   100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7294S STMICROELECTRONICS-TDA7294S Datasheet
339Kb / 13P
   100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7294 STMICROELECTRONICS-TDA7294 Datasheet
372Kb / 16P
   100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7293 STMICROELECTRONICS-TDA7293_03 Datasheet
425Kb / 15P
   120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
logo
NTE Electronics
NTE7186 NTE-NTE7186 Datasheet
87Kb / 3P
   Integrated Circuit DMOS Audio Amplifier, 100W with Mute/Stand−By
logo
STMicroelectronics
AN1040 STMICROELECTRONICS-AN1040 Datasheet
33Kb / 4P
   FOR USB SELF-POWERED DEVICES
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
   Self-Powered Tachometer
logo
SMSC Corporation
EVB-USB2524 SMSC-EVB-USB2524 Datasheet
307Kb / 8P
   Self-powered operation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com