Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

715P47494M Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 715P47494M
Description  Polypropylene Film Capacitors ORANGE DROP® , Low Loss
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

715P47494M Datasheet(HTML) 6 Page - Vishay Siliconix

  715P47494M Datasheet HTML 1Page - Vishay Siliconix 715P47494M Datasheet HTML 2Page - Vishay Siliconix 715P47494M Datasheet HTML 3Page - Vishay Siliconix 715P47494M Datasheet HTML 4Page - Vishay Siliconix 715P47494M Datasheet HTML 5Page - Vishay Siliconix 715P47494M Datasheet HTML 6Page - Vishay Siliconix 715P47494M Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 42018
Revision 13-Nov-03
www.vishay.com
52
Type 715P
Vishay Sprague
For technical questions, contact spresale@vishay.com
STANDARD MARKING FORMAT
DESCRIPTION
Sprague® Identification
715P
Type Number
200 V
DC Voltage Rating, Volts
1239
Capacitance and Tolerance Code
9940
Weekly Date Code
(i.e. 40th week for 1999)
SAMPLE MARKING
➁715P200 V
1239 9340
TOLERANCE CODES
PER EIA STANDARDS
9 = ± 10%
5 = ± 5%
2 = ± 2%
9 = ± 10%
5 = ± 5%
2 = ± 2%
715P
TYPE
123
CAPACITANCE
This is expressed in
picofarads. The first
two digits are
significant. The
third is the number
of zeros to follow.
Values must
conform to decade
rating for the
tolerance specified.
This is expressed
in hundreds of
volts.
Example: 715P
R5 = 50 volts.
J
CASE
CODE
See
Dimensional
Configurations.
A = Straight lead.
B = Hairpin crimped.
D = Hockey crimped.
D
TERMINAL
3
LEAD LENGTH
1 = 0.187" ± 0.030"
[4.750 ± 0.762]
2 = 0.250" ± 0.030"
[6.350 ± 0.762]
3 = 1.250" [31.750]
Minimum
9
TOLERANCE
2
DC VOLTAGE
RATING @ + 85°C
ORDERING INFORMATION


Similar Part No. - 715P47494M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
715P47494M ETC1-715P47494M Datasheet
564Kb / 14P
   Type 715P, Orange Drop짰, Polypropylene Film/Foil Capacitors
logo
Cornell Dubilier Electr...
715P47494M CDE-715P47494M Datasheet
493Kb / 15P
   Low dissipation factor.
More results

Similar Description - 715P47494M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
715P10354JD3 ETC2-715P10354JD3 Datasheet
493Kb / 15P
   Type 715P, Orange Drop, Polypropylene Film/Foil Capacitors
logo
Vishay Siliconix
225P VISHAY-225P Datasheet
97Kb / 5P
   Polyester Capacitors Filmite® “E”, ORANGE DROP®, Radial Lead
Revision: 19-Feb-07
logo
List of Unclassifed Man...
225P10591YD3 ETC2-225P10591YD3 Datasheet
212Kb / 8P
   Type 225P, Orange Drop, Polyester Film/Foil Capacitors
715P22256JD3 ETC1-715P22256JD3 Datasheet
564Kb / 14P
   Type 715P, Orange Drop짰, Polypropylene Film/Foil Capacitors
logo
Cornell Dubilier Electr...
MPXQD47K CDE-MPXQD47K Datasheet
139Kb / 1P
   Polypropylene Film Capacitors
logo
MERITEK ELECTRONICS COR...
DPPN MERITEK-DPPN Datasheet
111Kb / 1P
   Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
P2S RUBYCON-P2S Datasheet
168Kb / 2P
   POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
PPL MERITEK-PPL Datasheet
157Kb / 1P
   Polypropylene Film Capacitors
TPPN MERITEK-TPPN Datasheet
107Kb / 1P
   Polypropylene Film Capacitors
logo
Vishay Siliconix
288P VISHAY-288P Datasheet
101Kb / 3P
   R-C Arc Suppressors ORANGE DROP®, Radial Lead
Revision 13-Nov-03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com