Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY26049ZC-36 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY26049ZC-36
Description  FailSafe??PacketClock??Global Communications Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY26049ZC-36 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY26049ZC-36 Datasheet HTML 1Page - Cypress Semiconductor CY26049ZC-36 Datasheet HTML 2Page - Cypress Semiconductor CY26049ZC-36 Datasheet HTML 3Page - Cypress Semiconductor CY26049ZC-36 Datasheet HTML 4Page - Cypress Semiconductor CY26049ZC-36 Datasheet HTML 5Page - Cypress Semiconductor CY26049ZC-36 Datasheet HTML 6Page - Cypress Semiconductor CY26049ZC-36 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CY26049-36
Document #: 38-07415 Rev. *C
Page 3 of 7
Frequency Select Tables
Table 1. CY26049-36 Frequency Select–Output Decoding Table–External Mode (MHz except as noted)
ICLK
FS3
FS2
FS1
FS0
CLK/2
CLK
8K
Crystal
8 kHz
0
0
0
0
1.544
3.088
8 kHz
18.432
8 kHz
0
0
0
1
2.048
4.096
8 kHz
18.432
8 kHz
0
0
1
0
22.368
44.736
8 kHz
18.432
8 kHz
0
0
1
1
17.184
34.368
8 kHz
18.432
8 kHz
0
1
0
0
77.76
155.52
8 kHz
18.432
8 kHz
0
1
0
1
16.384
32.768
8 kHz
18.432
8 kHz
0
1
1
0
14.352
28.704
8 kHz
18.432
8 kHz
0
1
1
1
High Z[1]
High Z[1]
High Z[1]
18.432
8 kHz
1
0
0
0
18.528
37.056
8 kHz
18.432
8 kHz
1
0
0
1
12.352
24.704
8 kHz
18.432
8 kHz
1
0
1
0
7.68
15.36
8 kHz
18.432
8 kHz
1
0
1
1
High Z[1]
High Z[1]
High Z[1]
18.432
8 kHz
1
1
0
0
12.288
24.576
8 kHz
18.432
8 kHz
1
1
0
1
16.384
32.768
8 kHz
18.432
Table 2. CY26049-36 Frequency Select–Output Decoding Table–Buffer Mode
ICLK
FS3
FS2
FS1
FS0
CLK/2
CLK
8K
Crystal
20 to 60
1
1
1
0
ICLK/2
ICLK
High Z[1]
ICLK/2
10 to 30
1
1
1
1
2*ICLK
4*ICLK
High Z[1]
ICLK
Note:
1.
High Z = high impedance.


Similar Part No. - CY26049ZC-36

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY26049ZXC-22 CYPRESS-CY26049ZXC-22 Datasheet
144Kb / 6P
   FailSafe??PacketClock??Global Communications Clock Generator
CY26049ZXC-22T CYPRESS-CY26049ZXC-22T Datasheet
144Kb / 6P
   FailSafe??PacketClock??Global Communications Clock Generator
More results

Similar Description - CY26049ZC-36

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY26049-22 CYPRESS-CY26049-22 Datasheet
144Kb / 6P
   FailSafe??PacketClock??Global Communications Clock Generator
CY26121 CYPRESS-CY26121_08 Datasheet
234Kb / 7P
   PacketClock??Spread Spectrum Clock Generator
CY26121 CYPRESS-CY26121 Datasheet
62Kb / 6P
   PacketClock Spread Spectrum Clock Generator
CY26580 CYPRESS-CY26580 Datasheet
120Kb / 5P
   PacketClock??Network Applications Clock
logo
Integrated Circuit Syst...
MK2049-01 ICST-MK2049-01 Datasheet
137Kb / 11P
   Communications Clock PLL
MK2042-01 ICST-MK2042-01 Datasheet
81Kb / 6P
   Communications Clock Monitor
MK2049-02 ICST-MK2049-02 Datasheet
148Kb / 12P
   Communications Clock PLLs
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
   Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
   Clock Generator
July, 2014 ??Rev. 1
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
   Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com