Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25702LXCZZZT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY25702LXCZZZT
Description  Programmable High-Frequency Crystal Oscillator (XO)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25702LXCZZZT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY25702LXCZZZT Datasheet HTML 1Page - Cypress Semiconductor CY25702LXCZZZT Datasheet HTML 2Page - Cypress Semiconductor CY25702LXCZZZT Datasheet HTML 3Page - Cypress Semiconductor CY25702LXCZZZT Datasheet HTML 4Page - Cypress Semiconductor CY25702LXCZZZT Datasheet HTML 5Page - Cypress Semiconductor CY25702LXCZZZT Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CY25702
Document #: 38-07721 Rev. *C
Page 4 of 6
Application Circuit
Figure 1. Application Circuit Diagram
0.1 µ F
VDD
1
2
3
4
OE /P D #
VSS
CL K
VD D
Po w e r
C Y 257 02
Switching Waveforms
Figure 2. Duty Cycle Waveform
Figure 3. Output Rise/Fall Time Waveform
Figure 4. Output Enable/Disable Timing Waveforms
Cycle Timing (DC = t1A/t1B)
t1A
t1B
CLK
CLK
Tr
VDD
0V
Tf
Output Rise time (Tr) = (0.6 x VDD)/SR1 (or SR3)
Output Fall time (Tf) = (0.6 x VDD)/SR2 (or SR4)
Refer to AC Electrical Characteristics table for SR (Slew Rate) values.
CLK
VDD
TOE1
VIL
VIH
OUTPUT
ENABLE
0V
(Asynchronous)
High Impedance
TOE2


Similar Part No. - CY25702LXCZZZT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25702LXCZZZT CYPRESS-CY25702LXCZZZT Datasheet
220Kb / 6P
   Programmable High-Frequency Crystal Oscillator
More results

Similar Description - CY25702LXCZZZT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25702 CYPRESS-CY25702 Datasheet
124Kb / 7P
   Programmable High-Frequency Crystal Oscillator (XO)
CY25702 CYPRESS-CY25702_09 Datasheet
220Kb / 6P
   Programmable High-Frequency Crystal Oscillator
logo
Epson Company
SG-8002JA EPSON-SG-8002JA Datasheet
33Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
SG-8002CA ETC1-SG-8002CA Datasheet
24Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Epson Company
SG-8002DB EPSON-SG-8002DB Datasheet
86Kb / 2P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
SG8002DC EPSON-SG8002DC Datasheet
151Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
SG8002CE ETC-SG8002CE Datasheet
104Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
SG8002JC ETC-SG8002JC Datasheet
19Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Epson Company
HG-8002JA EPSON-HG-8002JA Datasheet
66Kb / 1P
   PROGRAMMABLE HIGH-STABILITY HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Renesas Technology Corp
IDT8N4S271 RENESAS-IDT8N4S271 Datasheet
725Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com