Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25702FLXIT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY25702FLXIT
Description  Programmable High-Frequency Crystal Oscillator (XO)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25702FLXIT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY25702FLXIT Datasheet HTML 1Page - Cypress Semiconductor CY25702FLXIT Datasheet HTML 2Page - Cypress Semiconductor CY25702FLXIT Datasheet HTML 3Page - Cypress Semiconductor CY25702FLXIT Datasheet HTML 4Page - Cypress Semiconductor CY25702FLXIT Datasheet HTML 5Page - Cypress Semiconductor CY25702FLXIT Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CY25702
Document #: 38-07721 Rev. *C
Page 3 of 6
Note
1. Guaranteed by characterization, not 100% tested.
2. Jitter is configuration dependent. Actual jitter is dependent on output frequencies, spread percentage, temperature, and output load. For more information, refer
to the application note, “Jitter in PLL Based Systems: Causes, Effects, and Solutions” available at http://www.cypress.com/clock/appnotes.html, or contact your
local Cypress Field Application Engineer.
DC Electrical Characteristics
Parameter
Description
Condition
Min.
Typ.
Max.
Unit
IOH
Output High Current (pin 3)
VOH = VDD – 0.5, VDD = 3.3V (source)
10
12
mA
IOL
Output Low Current (pin 3)
VOL = 0.5, VDD = 3.3V (sink)
10
12
mA
VIH
Input High Voltage (pin 1)
CMOS levels, 70% of VDD
0.7VDD
–VDD
V
VIL
Input Low Voltage (pin 1)
CMOS levels, 30% of VDD
0.3VDD
V
IIH
Input High Current (pin 1)
Vin = VDD
––
10
μA
IIL
Input Low Current (pin 1)
Vin = VSS
––
10
μA
IOZ
Output Leakage Current (pin 3)
Three-state output, OE = 0
–10
10
μA
CIN
[1]
Input Capacitance (pin 1)
Pin 1, or OE
5
7
pF
IVDD
Supply Current
VDD = 3.3V, CLK = 1 to 166 MHz,
CLOAD = 0, OE = VDD
––
50
mA
Δf/f
Initial Accuracy at Room Temp.
TA = 25°C, 3.3V
–25
25
ppm
Freq. Stability over Temp. Range TA = –20°C to 70°C, 3.3V
–25
25
ppm
Freq. Stability over Voltage Range 3.0 to 3.6V
–12
12
ppm
Aging
TA = 25°C, First year
–5
5
ppm
AC Electrical Characteristics[1]
Parameter
Description
Condition
Min.
Typ.
Max.
Unit
DC
Output Duty Cycle
CLK, Measured at VDD/2
45
50
55
%
tR
Output Rise Time
20%–80% of VDD, CL=15 pF
2.7
ns
tF
Output Fall Time
20%–80% of VDD, CL=15 pF
2.7
ns
TCCJ1
[2]
Cycle-to-Cycle Jitter CLK (Pin 3)
CLK > 133 MHz, Measured at VDD/2
85
200
ps
25 MHz < CLK < 133 MHz, Measured at VDD/2
215
400
ps
CLK < 25 MHz, Measured at VDD/2
500
ps
TOE1
Output Disable Time (pin1 = OE)
Time from falling edge on OE to stopped
outputs (Asynchronous)
150
350
ns
TOE2
Output Enable Time (pin1 = OE)
Time from rising edge on OE to outputs at a
valid frequency (Asynchronous)
150
350
ns
TLOCK
PLL Lock Time
Time for CLK to reach valid frequency
10
ms


Similar Part No. - CY25702FLXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25702FLXIT CYPRESS-CY25702FLXIT Datasheet
220Kb / 6P
   Programmable High-Frequency Crystal Oscillator
More results

Similar Description - CY25702FLXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25702 CYPRESS-CY25702 Datasheet
124Kb / 7P
   Programmable High-Frequency Crystal Oscillator (XO)
CY25702 CYPRESS-CY25702_09 Datasheet
220Kb / 6P
   Programmable High-Frequency Crystal Oscillator
logo
Epson Company
SG-8002JA EPSON-SG-8002JA Datasheet
33Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
SG-8002CA ETC1-SG-8002CA Datasheet
24Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Epson Company
SG-8002DB EPSON-SG-8002DB Datasheet
86Kb / 2P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
SG8002DC EPSON-SG8002DC Datasheet
151Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
SG8002CE ETC-SG8002CE Datasheet
104Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
SG8002JC ETC-SG8002JC Datasheet
19Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Epson Company
HG-8002JA EPSON-HG-8002JA Datasheet
66Kb / 1P
   PROGRAMMABLE HIGH-STABILITY HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Renesas Technology Corp
IDT8N4S271 RENESAS-IDT8N4S271 Datasheet
725Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com