Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25566SCT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY25566SCT
Description  Spread Spectrum Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25566SCT Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY25566SCT Datasheet HTML 1Page - Cypress Semiconductor CY25566SCT Datasheet HTML 2Page - Cypress Semiconductor CY25566SCT Datasheet HTML 3Page - Cypress Semiconductor CY25566SCT Datasheet HTML 4Page - Cypress Semiconductor CY25566SCT Datasheet HTML 5Page - Cypress Semiconductor CY25566SCT Datasheet HTML 6Page - Cypress Semiconductor CY25566SCT Datasheet HTML 7Page - Cypress Semiconductor CY25566SCT Datasheet HTML 8Page - Cypress Semiconductor CY25566SCT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CY25566
Document #: 38-07429 Rev. *B
Page 6 of 9
Application Schematic
In this example, the CY25566 is being driven by a 75-MHz
reference clock.
S0 = 0 and S1 = 0 are programmed to select a BW of 2.5%.
(Refer to Table 1 and 2.)
S2 = 0 and S3 = 1 are programmed to select the Group 2
range.
VDD = 3.30 VDC.
SSCLK1a = 75 MHz @ 2.5% center spread modulation.
SSCLK1b = 75 MHz @ 2.5% center spread modulation.
SSCLK 2 = 37.5 MHz @ 2.5% center spread modulation.
REFOUT = 37.5 MHz non-modulated clock.
CY25566
XIN/CLKIN
XOUT
REFOFF
SSCC
S2
S3
S1
S0
REFOUT
SSCLK2
SSCLK1a
SSCLK1b
VDD
VSS
VSS
VSS
VDD
VDD
75 MHz Clock source
REFOUT
SSCLK2
SSCLK1a
SSCLK1b
0.1 uF
1
2
3
16
10
7
6
12
8
13
9
511
14
15
4
Figure 4. Application Schematic


Similar Part No. - CY25566SCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25566SCT CYPRESS-CY25566SCT Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results

Similar Description - CY25566SCT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com