Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25402SXC-XXX Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY25402SXC-XXX
Description  Two PLL Programmable Clock Generator with Spread Spectrum
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25402SXC-XXX Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY25402SXC-XXX Datasheet HTML 2Page - Cypress Semiconductor CY25402SXC-XXX Datasheet HTML 3Page - Cypress Semiconductor CY25402SXC-XXX Datasheet HTML 4Page - Cypress Semiconductor CY25402SXC-XXX Datasheet HTML 5Page - Cypress Semiconductor CY25402SXC-XXX Datasheet HTML 6Page - Cypress Semiconductor CY25402SXC-XXX Datasheet HTML 7Page - Cypress Semiconductor CY25402SXC-XXX Datasheet HTML 8Page - Cypress Semiconductor CY25402SXC-XXX Datasheet HTML 9Page - Cypress Semiconductor CY25402SXC-XXX Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CY25402/CY25422/CY25482
Document #: 001-12565 Rev. *B
Page 9 of 10
Ordering Information
Part Number[3]
Type
VDD(V)
Production Flow
Pb-free
CY25402SXC-xxx
8-pin SOIC
Supply Voltage: 2.5V, 3.0V or 3.3V
Commercial, 0°C to 70°C
CY25402SXC-xxxT
8-pin SOIC -Tape & Reel
Supply Voltage: 2.5V, 3.0V or 3.3V
Commercial, 0°C to 70°C
CY25482SXC-xxx
8-pin SOIC
Supply Voltage: 2.5V, 3.0V or 3.3V
Commercial, 0°C to 70°C
CY25482SXC-xxxT
8-pin SOIC -Tape & Reel
Supply Voltage: 2.5V, 3.0V or 3.3V
Commercial, 0°C to 70°C
CY25422SXC-xxx
8-pin SOIC
Supply Voltage: 1.8V
Commercial, 0°C to 70°C
CY25422SXC-xxxT
8-pin SOIC -Tape & Reel
Supply Voltage: 1.8V
Commercial, 0°C to 70°C
CY25402SXI-xxx
8-pin SOIC
Supply Voltage: 2.5V, 3.0V or 3.3V
Industrial, -40°C to +85°C
CY25402SXI-xxxT
8-pin SOIC -Tape & Reel
Supply Voltage: 2.5V, 3.0V or 3.3V
Industrial, -40°C to +85°C
CY25482SXI-xxx
8-pin SOIC
Supply Voltage: 2.5V, 3.0V or 3.3V
Industrial, -40°C to +85°C
CY25482SXI-xxxT
8-pin SOIC -Tape & Reel
Supply Voltage: 2.5V, 3.0V or 3.3V
Industrial, -40°C to +85°C
CY25422SXI-xxx
8-pin SOIC
Supply Voltage: 1.8V
Industrial, -40°C to +85°C
CY25422SXI-xxxT
8-pin SOIC -Tape & Reel
Supply Voltage: 1.8V
Industrial, -40°C to +85°C
Figure 7. 8-lead (150-Mil) SOIC S8
SEATING PLANE
PIN1ID
0.230[5.842]
0.244[6.197]
0.157[3.987]
0.150[3.810]
0.189[4.800]
0.196[4.978]
0.050[1.270]
BSC
0.061[1.549]
0.068[1.727]
0.004[0.102]
0.0098[0.249]
0.0138[0.350]
0.0192[0.487]
0.016[0.406]
0.035[0.889]
0.0075[0.190]
0.0098[0.249]
1. DIMENSIONS IN INCHES[MM] MIN.
MAX.
0°~8°
0.016[0.406]
0.010[0.254]
X 45°
2. PIN 1 ID IS OPTIONAL,
ROUND ON SINGLE LEADFRAME
RECTANGULAR ON MATRIX LEADFRAME
0.004[0.102]
1
4
58
3. REFERENCE JEDEC MS-012
PART #
S08.15 STANDARD PKG.
SZ08.15 LEAD FREE PKG.
4. PACKAGE WEIGHT 0.07gms
51-85066-*C
Note
3. xxx indicates Factory Programmable and are factory programmed configurations. For more details, contact your local Cypress FAE or Cypress Sales Representative.
Package Drawing and Dimensions
[+] Feedback


Similar Part No. - CY25402SXC-XXX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25402SXC-XXX CYPRESS-CY25402SXC-XXX Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402SXC-XXX CYPRESS-CY25402SXC-XXX Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402SXC-XXXT CYPRESS-CY25402SXC-XXXT Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402SXC-XXXT CYPRESS-CY25402SXC-XXXT Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
More results

Similar Description - CY25402SXC-XXX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25402 CYPRESS-CY25402_11 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403_11 Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY2545 CYPRESS-CY2545 Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545_0710 CYPRESS-CY2545_0710 Datasheet
334Kb / 15P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545 CYPRESS-CY2545_11 Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com