Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25200 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY25200
Description  Programmable Spread Spectrum Clock Generator for EMI Reduction
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25200 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY25200 Datasheet HTML 4Page - Cypress Semiconductor CY25200 Datasheet HTML 5Page - Cypress Semiconductor CY25200 Datasheet HTML 6Page - Cypress Semiconductor CY25200 Datasheet HTML 7Page - Cypress Semiconductor CY25200 Datasheet HTML 8Page - Cypress Semiconductor CY25200 Datasheet HTML 9Page - Cypress Semiconductor CY25200 Datasheet HTML 10Page - Cypress Semiconductor CY25200 Datasheet HTML 11Page - Cypress Semiconductor CY25200 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CY25200
Document #: 38-07633 Rev. *D
Page 10 of 12
AC Electrical Specifications
Parameter
Description
Condition
Min
Typ.
Max
Unit
DC
Output Duty Cycle
SSCLK, Measured at VDD/2
45
50
55
%
Output Duty Cycle
REFCLK, Measured at VDD/2
Duty Cycle of CLKIN = 50%.
40
50
60
%
SR1
Rising/Falling Edge Slew Rate SSCLK1/2/3/4 < 100 MHz, VDD = VDDL = 3.3V
0.6
2.0
V/ns
SR2
Rising/Falling Edge Slew Rate SSCLK1/2/3/4
≥ 100 MHz, V
DD = VDDL = 3.3V
0.8
3.5
V/ns
SR3
Rising/Falling Edge Slew Rate SSCLK1/2/3/4 < 100 MHz, VDD = VDDL = 2.5V
0.5
2.2
V/ns
SR4
Rising/Falling Edge Slew Rate SSCLK1/2/3/4
≥ 100 MHz, V
DD = VDDL = 2.5V
0.6
3.0
V/ns
SR5
Rising/Falling Edge Slew Rate SSCLK5/6 < 100 MHz, VDD = VDDL = 3.3V
0.6
1.9
V/ns
SR6
Rising/Falling Edge Slew Rate SSCLK5/6
≥ 100 MHz, V
DD = VDDL = 3.3V
1.0
2.9
V/ns
TCCJ1
Cycle-to-Cycle Jitter
SSCLK1/2/3/4
CLKIN = SSCLK1/2/3/4 = 166MHz, ±2% spread and
SSCLK5/6 = REFOUT, VDD = VDDL = 3.3V
––
110
ps
CLKIN = SSCLK1/2/3/4 = 66.66 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = VDDL = 3.3V
170
ps
CLKIN = SSCLK1/2/3/4 = 33.33 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = VDDL = 3.3V
140
ps
CLKIN = SSCLK1/2/3/4 = 14.318MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = VDDL = 3.3V
290
TCCJ2
Cycle-to-Cycle Jitter
SSCLK5/6=REFOUT
CLKIN = SSCLK1/2/3/4 = 166 MHz, ±2% spread and
SSCLK5/6 = REFOUT, VDD = VDDL = 3.3V
100
ps
CLKIN = SSCLK1/2/3/4 = 66.66 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = VDDL = 3.3V
120
ps
CLKIN = SSCLK1/2/3/4 = 33.33 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = VDDL = 3.3V
180
ps
CLKIN = SSCLK1/2/3/4 = 14.318 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = VDDL = 3.3V
180
TCCJ3
Cycle-to-Cycle Jitter
SSCLK1/2/3/4
CLKIN = SSCLK1/2/3/4 = 166 MHz, ±2% spread and
SSCLK5/6 = REFOUT, VDD = 3.3V, VDDL = 2.5V
––
110
ps
CLKIN = SSCLK1/2/3/4 = 66.66MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = 3.3V, VDDL = 2.5V
170
ps
CLKIN = SSCLK1/2/3/4 = 33.33 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = 3.3V, VDDL = 2.5V
190
ps
CLKIN = SSCLK1/2/3/4 = 14.318 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = 3.3V, VDDL = 2.5V
330
tSTP
Power Down Time
(pin3 = PD#)
Time from falling edge on PD# to stopped outputs
(Asynchronous)
150
300
ns
TOE1
Output Disable Time
(pin3 = OE)
Time from falling edge on OE to stopped outputs
(Asynchronous)
150
300
ns
TOE2
Output Enable Time
(pin3 = OE)
Time from rising edge on OE to outputs at a valid
frequency (Asynchronous)
150
300
ns
FMOD
Spread Spectrum Modulation
Frequency
SSCLK1/2/3/4/5/6
30.0
31.5
33.0
kHz
tPU1
Power Up Time,
Crystal is used
Time from rising edge on PD# to outputs at valid
frequency (Asynchronous)
–3
5
ms
tPU2
Power Up Time,
Reference clock is used
Time from rising edge on PD# to outputs at valid
frequency (Asynchronous)
–2
3
ms
tSKEW
[5]
Clock Skew
Output to output skew between related clock
outputs. Measured at VDD/2.
250
ps
[+] Feedback


Similar Part No. - CY25200

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY25200FZXC CYPRESS-CY25200FZXC Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200FZXCT CYPRESS-CY25200FZXCT Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200K-ZXCxxxw CYPRESS-CY25200K-ZXCxxxw Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
More results

Similar Description - CY25200

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25100 CYPRESS-CY25100 Datasheet
279Kb / 11P
   Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25100 CYPRESS-CY25100_08 Datasheet
372Kb / 13P
   Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com