Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF1535NT1 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF1535NT1
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF1535NT1 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF1535NT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF1535NT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF1535NT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF1535NT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF1535NT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF1535NT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF1535NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF1535NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF1535NT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
RF Device Data
Freescale Semiconductor
MRF1535NT1 MRF1535FNT1
TYPICAL CHARACTERISTICS, 450 - 520 MHz
Pout, OUTPUT POWER (WATTS)
Figure 13. Gain versus Output Power
Pout, OUTPUT POWER (WATTS)
Figure 14. Drain Efficiency versus Output Power
Figure 15. Output Power versus Biasing Current
IDQ, BIASING CURRENT (mA)
Figure 16. Drain Efficiency versus Biasing Current
IDQ, BIASING CURRENT (mA)
Figure 17. Output Power versus Supply Voltage
VDD, SUPPLY VOLTAGE (VOLTS)
Figure 18. Drain Efficiency versus Supply Voltage
VDD, SUPPLY VOLTAGE (VOLTS)
60
9
15
0
14
13
12
11
10
50
40
30
20
10
450 MHz
470 MHz
500 MHz
520 MHz
60
20
70
0
60
50
40
30
50
40
30
20
10
450 MHz
470 MHz
500 MHz
520 MHz
1200
30
50
200
45
40
35
1000
800
600
400
VDD = 12.5 Vdc
Pin = 34 dBm
450 MHz
470 MHz
500 MHz
520 MHz
1200
40
80
200
70
60
50
1000
800
600
400
VDD = 12.5 Vdc
Pin = 34 dBm
450 MHz
470 MHz
500 MHz
520 MHz
15
10
70
10
60
50
40
30
20
14
13
12
11
450 MHz
470 MHz
500 MHz
520 MHz
IDQ = 250 mA
Pin = 34 dBm
15
40
80
10
70
60
50
14
13
12
11
IDQ = 250 mA
Pin = 34 dBm
450 MHz
470 MHz
500 MHz
520 MHz
VDD = 12.5 Vdc
VDD = 12.5 Vdc


Similar Part No. - MRF1535NT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1535NT1 MOTOROLA-MRF1535NT1 Datasheet
257Kb / 16P
   RF Power Field Effect Transistors
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF1535NT1 FREESCALE-MRF1535NT1 Datasheet
708Kb / 19P
   RF Power Field Effect Transistors
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF1535NT1_0806 FREESCALE-MRF1535NT1_0806 Datasheet
708Kb / 19P
   RF Power Field Effect Transistors
More results

Similar Description - MRF1535NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com