Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8871SPWG4 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC8871SPWG4
Description  16-Bit, Single-Channel, 짹18V Output (Unbuffered), Ultra-Low Power, Serial Interface DIGITAL-TO-ANALOG CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8871SPWG4 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button DAC8871SPWG4 Datasheet HTML 5Page - Burr-Brown (TI) DAC8871SPWG4 Datasheet HTML 6Page - Burr-Brown (TI) DAC8871SPWG4 Datasheet HTML 7Page - Burr-Brown (TI) DAC8871SPWG4 Datasheet HTML 8Page - Burr-Brown (TI) DAC8871SPWG4 Datasheet HTML 9Page - Burr-Brown (TI) DAC8871SPWG4 Datasheet HTML 10Page - Burr-Brown (TI) DAC8871SPWG4 Datasheet HTML 11Page - Burr-Brown (TI) DAC8871SPWG4 Datasheet HTML 12Page - Burr-Brown (TI) DAC8871SPWG4 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.ti.com
8192
0
65536
57344
49152
40960
32768
24576
16384
DigitalInputCode
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
-1.25
-1.50
T
A =+25°C
8192
0
65536
57344
49152
40960
32768
24576
16384
DigitalInputCode
T =+25
A
°C
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
8192
0
65536
57344
49152
40960
32768
24576
16384
DigitalInputCode
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
-1.25
-1.50
T
A =
40
-
°C
8192
0
65536
57344
49152
40960
32768
24576
16384
DigitalInputCode
T = 40
-
°
A
C
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
8192
0
65536
57344
49152
40960
32768
24576
16384
DigitalInputCode
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
-1.25
-1.50
T =+105
A
°C
8192
0
65536
57344
49152
40960
32768
24576
16384
DigitalInputCode
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
T =+105 C
°
A
DAC8871
SBAS396 – JUNE 2007
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, VDD = +5V, VCC = +15V, VSS = –15V, VREFH = +10V, and VREFL =–10V, unless otherwise noted.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 9.
Figure 10.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 11.
Figure 12.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 13.
Figure 14.
9
Submit Documentation Feedback


Similar Part No. - DAC8871SPWG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8871SPWG4 BURR-BROWN-DAC8871SPWG4 Datasheet
528Kb / 19P
   16-Bit, Single-Channel, 짹18V Output (Unbuffered), Ultra-Low Power, Serial Interface DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8871SPWG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8871 BURR-BROWN-DAC8871 Datasheet
528Kb / 19P
   16-Bit, Single-Channel, 짹18V Output (Unbuffered), Ultra-Low Power, Serial Interface DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8832 TI-DAC8832 Datasheet
731Kb / 26P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8571 TI-DAC8571 Datasheet
687Kb / 1P
[Old version datasheet]   16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
ADS8345 TI1-ADS8345_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343 TI1-ADS8343_14 Datasheet
889Kb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8344 TI1-ADS8344_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8344 BURR-BROWN-ADS8344 Datasheet
278Kb / 13P
   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com