Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17-4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CNY17-4
Description  Optocoupler, Phototransistor Output,
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17-4 Datasheet(HTML) 1 Page - Vishay Siliconix

  CNY17-4 Datasheet HTML 1Page - Vishay Siliconix CNY17-4 Datasheet HTML 2Page - Vishay Siliconix CNY17-4 Datasheet HTML 3Page - Vishay Siliconix CNY17-4 Datasheet HTML 4Page - Vishay Siliconix CNY17-4 Datasheet HTML 5Page - Vishay Siliconix CNY17-4 Datasheet HTML 6Page - Vishay Siliconix CNY17-4 Datasheet HTML 7Page - Vishay Siliconix CNY17-4 Datasheet HTML 8Page - Vishay Siliconix CNY17-4 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 83606
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 09-Nov-05
1
Optocoupler, Phototransistor Output,
with Base Connection
CNY17
Vishay Semiconductors
DESCRIPTION
The CNY17 is an optically coupled pair consisting of a
gallium arsenide infrared emitting diode optically coupled to
a silicon NPN phototransitor.
Signal information, including a DC level, can be transmitted
by the device while maintaining a high degree of electrical
isolation between input and output.
The CNY17 can be used to replace relays and transformers
in many digital interface applications, as well as analog
applications such as CRT modulation.
FEATURES
• Isolation test voltage 5300 VRMS
• Long term stability
• Industry standard dual-in-line package
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
AGENCY APPROVALS
• Underwriters lab file no. E52744 system code H or J
• DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending
• BSI IEC 60950 IEC 60065
•FIMKO
Note
For additional information on the available options refer to option information.
i179004
1
2
3
6
5
4
B
C
E
A
C
NC
ORDER INFORMATION
PART
REMARKS
CNY17-1
CTR 40 to 80 %, DIP-6
CNY17-2
CTR 63 to 125 %, DIP-6
CNY17-3
CTR 100 to 200 %, DIP-6
CNY17-4
CTR 160 to 320 %, DIP-6
CNY17-1X006
CTR 40 to 80 %, DIP-6 400 mil (option 6)
CNY17-1X007
CTR 40 to 80 %, SMD-6 (option 7)
CNY17-1X009
CTR 40 to 80 %, SMD-6 (option 9)
CNY17-2X006
CTR 63 to 125 %, DIP-6 400 mil (option 6)
CNY17-2X007
CTR 63 to 125 %, SMD-6 (option 7)
CNY17-2X009
CTR 63 to 125 %, SMD-6 (option 9)
CNY17-3X006
CTR 100 to 200 %, DIP-6 400 mil (option 6)
CNY17-3X007
CTR 100 to 200 %, SMD-6 (option 7)
CNY17-3X009
CTR 100 to 200 %, SMD-6 (option 9)
CNY17-4X006
CTR 160 to 320 %, DIP-6 400 mil (option 6)
CNY17-4X007
CTR 160 to 320 %, SMD-6 (option 7)
CNY17-4X009
CTR 160 to 320 %, SMD-6 (option 9)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6.0
V
Forward current
IF
60
mA
Surge current
t
≤ 10 µs
IFSM
2.5
A
Power dissipation
Pdiss
100
mW


Similar Part No. - CNY17-4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17-4 VISHAY-CNY17-4 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
logo
Lite-On Technology Corp...
CNY17-4 LITEON-CNY17-4 Datasheet
169Kb / 9P
   High collector-emitter voltage
logo
QT Optoelectronics
CNY17-4 QT-CNY17-4 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
CNY17-4 ETC1-CNY17-4 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
CNY17-4 FAIRCHILD-CNY17-4 Datasheet
228Kb / 11P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - CNY17-4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCDT1110 VISHAY-TCDT1110_08 Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output
Rev. 1.8, 16-May-08
TCDT1100 VISHAY-TCDT1100_08 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.6, 16-May-08
TCET1201 VISHAY-TCET1201_V02 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2023
K817P VISHAY-K817P Datasheet
235Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.7, 26-Oct-04
ILD621 VISHAY-ILD621_07 Datasheet
176Kb / 10P
   Optocoupler, Phototransistor Output
Rev. 1.5, 20-Dec-07
TCET1204 VISHAY-TCET1204_V01 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2022
CNY74-2H VISHAY-CNY74-2H_08 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output,Multichannel
Rev. 1.5, 07.-Dec-07
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com