Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXML-PR01-0175 Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # LXML-PR01-0175
Description  ultra-compact, surface-mount, high-power LED
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXML-PR01-0175 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  LXML-PR01-0175 Datasheet HTML 1Page - Lumileds Lighting Company LXML-PR01-0175 Datasheet HTML 2Page - Lumileds Lighting Company LXML-PR01-0175 Datasheet HTML 3Page - Lumileds Lighting Company LXML-PR01-0175 Datasheet HTML 4Page - Lumileds Lighting Company LXML-PR01-0175 Datasheet HTML 5Page - Lumileds Lighting Company LXML-PR01-0175 Datasheet HTML 6Page - Lumileds Lighting Company LXML-PR01-0175 Datasheet HTML 7Page - Lumileds Lighting Company LXML-PR01-0175 Datasheet HTML 8Page - Lumileds Lighting Company LXML-PR01-0175 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Flux Characteristics for LUXEON Rebel Continued
Thermal Pad Temperature = 25°C
Table 1. Continued
P
Pe
errffo
orrm
ma
an
nc
ce
e a
att T
Te
es
stt C
Cu
urrrre
en
ntt
T
Ty
yp
piic
ca
all P
Pe
errffo
orrm
ma
an
nc
ce
e
a
att IIn
nd
diic
ca
atte
ed
d C
Cu
urrrre
en
ntt
M
Miin
niim
mu
um
m L
Lu
um
miin
no
ou
us
s
T
Te
es
stt
T
Ty
yp
piic
ca
all L
Lu
um
miin
no
ou
us
s
D
Drriiv
ve
e
F
Fllu
ux
x ((llm
m))
C
Cu
urrrre
en
ntt
F
Fllu
ux
x ((llm
m))
C
Cu
urrrre
en
ntt
C
Co
ollo
orr
P
Pa
arrtt N
Nu
um
mb
be
err
Φ
Φ
V
V
[1] [3]
((m
mA
A))
Φ
Φ
V
V
[2] [3]
((m
mA
A))
LXMLPD010030
30
350
65
700
LXMLPD010040
40
350
85
700
LXMLPH010040
40
350
85
700
LXMLPH010050
50
350
100
700
LXMLPL010023
23.5
350
50
700
LXMLPL010030
30.0
350
65
700
Notes for Table 1:
1.
Minimum luminous flux or radiometric power performance guaranteed within published operating conditions. Philips
Lumileds maintains a tolerance of ± 6.5% on flux and power measurements.
2.
Typical luminous flux performance is when device is operated within published operating conditions.
3.
LUXEON Rebel products with even higher luminous flux and levels will become available in the future. Please consult
Philips Lumileds or Future Electronics for more information.
Red
Orange
Amber
LUXEON Rebel Datasheet DS56 (7/07)
5
Red


Similar Part No. - LXML-PR01-0175

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PR01-0425 LUMILEDS-LXML-PR01-0425 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
LXML-PR01-0425 LUMILEDS-LXML-PR01-0425 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PR01-0425 LUMILEDS-LXML-PR01-0425 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PR01-0500 LUMILEDS-LXML-PR01-0500 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
LXML-PR01-0500 LUMILEDS-LXML-PR01-0500 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
More results

Similar Description - LXML-PR01-0175

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC410 SHARP-PC410 Datasheet
50Kb / 5P
   Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC417 SHARP-PC417 Datasheet
58Kb / 5P
   Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
logo
STANLEY ELECTRIC CO.,LT...
UB1112H STANLEY-UB1112H Datasheet
73Kb / 6P
   ULTRA HIGH BRIGHTNESS TYPE SURFACE MOUNT LED
logo
List of Unclassifed Man...
EESX1109 ETC-EESX1109 Datasheet
208Kb / 9P
   Ultra-Compact Photomicrosensors with Surface-Mount Design
logo
Inolux Corporation
IN-3021PUV INOLUX-IN-3021PUV Datasheet
662Kb / 10P
   Surface Mount High Power Ultraviolet LED
IN-5051SCUV INOLUX-IN-5051SCUV Datasheet
631Kb / 12P
   Surface Mount High Power Ultraviolet LED
IN-5053PUV INOLUX-IN-5053PUV Datasheet
704Kb / 12P
   Surface Mount High Power Ultraviolet LED
IN-7074GCUV INOLUX-IN-7074GCUV Datasheet
1Mb / 14P
   Surface Mount High Power Ultraviolet LED
IN-3531ACUV INOLUX-IN-3531ACUV Datasheet
1Mb / 13P
   Surface Mount High Power Ultraviolet LED
IN-505FCHWV INOLUX-IN-505FCHWV Datasheet
3Mb / 12P
   Inolux Surface Mount High Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com