Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPWT-RD02-E4000 Datasheet(PDF) 8 Page - Lumileds Lighting Company

Part # HPWT-RD02-E4000
Description  Lead-Free SuperFlux LEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

HPWT-RD02-E4000 Datasheet(HTML) 8 Page - Lumileds Lighting Company

  HPWT-RD02-E4000 Datasheet HTML 1Page - Lumileds Lighting Company HPWT-RD02-E4000 Datasheet HTML 2Page - Lumileds Lighting Company HPWT-RD02-E4000 Datasheet HTML 3Page - Lumileds Lighting Company HPWT-RD02-E4000 Datasheet HTML 4Page - Lumileds Lighting Company HPWT-RD02-E4000 Datasheet HTML 5Page - Lumileds Lighting Company HPWT-RD02-E4000 Datasheet HTML 6Page - Lumileds Lighting Company HPWT-RD02-E4000 Datasheet HTML 7Page - Lumileds Lighting Company HPWT-RD02-E4000 Datasheet HTML 8Page - Lumileds Lighting Company HPWT-RD02-E4000 Datasheet HTML 9Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LeadFree SuperFlux LEDs Datasheet DS55 (10/06)
8
Recommended Soldering Conditions for PbFree SuperFlux
S
So
olld
de
err C
Co
on
nd
diittiio
on
ns
s
Preheat Temperatue
85 +/ 15ºC
Preheat Time
70s +/ 20s
Peak Profile Temperature
250 +/ 5ºC
Solder Time Above 217ºC
2.5 +/ 0.5s
Note:
1. All top preheat stages are to be turned off so that the lamp body is not directly exposed to the heat source.
2. Profile taken on the LED lead at the bottom of the PCB.
3. Single wave soldering is recommended.
0
50
100
200
250
300
0
10
203040
506070
80
90
Time (Seconds)
150
Preheat
90 s (MAX)
100
oC (MAX)
Peak
255 C
o
217 C
o
0
50
100
200
250
300
0
10
203040
506070
80
90
Time (Seconds)
150
Preheat
90 s (MAX)
100
oC (MAX)
150
Preheat
90 s (MAX)
100
oC (MAX)
100
oC (MAX)
Peak
255 C
o
217 C
o


Similar Part No. - HPWT-RD02-E4000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
HPWT-RD00 LUMILEDS-HPWT-RD00 Datasheet
850Kb / 10P
   SuperFlux LEDs
HPWT-RD00-XXXX LUMILEDS-HPWT-RD00-XXXX Datasheet
850Kb / 10P
   SuperFlux LEDs
More results

Similar Description - HPWT-RD02-E4000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPWT-RH02-00000 ETC2-HPWT-RH02-00000 Datasheet
1Mb / 17P
   SuperFlux LEDs
logo
Lumileds Lighting Compa...
DS05 LUMILEDS-DS05 Datasheet
850Kb / 10P
   SuperFlux LEDs
logo
List of Unclassifed Man...
HPWT-RDX0 ETC2-HPWT-RDX0 Datasheet
1Mb / 14P
   SuperFlux LEDs
logo
Lumileds Lighting Compa...
AB20-6 LUMILEDS-AB20-6 Datasheet
376Kb / 11P
   Reliability Considerations for SuperFlux LEDs
AB20-3 LUMILEDS-AB20-3 Datasheet
1Mb / 37P
   Electrical Design Considerations for SuperFlux LEDs
AB20-5 LUMILEDS-AB20-5 Datasheet
2Mb / 23P
   Secondary Optics Design Considerations for SuperFlux LEDs
AB20-4 LUMILEDS-AB20-4 Datasheet
266Kb / 14P
   Thermal Management Considerations for SuperFlux LEDs
AB20-1 LUMILEDS-AB20-1 Datasheet
206Kb / 16P
   Using SuperFlux LEDs in Automotive Signal Lamps
logo
Gilway Technical Lamp
155-1583 GILWAY-155-1583 Datasheet
199Kb / 1P
   E606 White Superflux LED
logo
Lumileds Lighting Compa...
AB20-7 LUMILEDS-AB20-7 Datasheet
453Kb / 13P
   SnapLED / SuperFlux LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com