Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXML-PWW1-0050 Datasheet(PDF) 7 Page - Lumileds Lighting Company

Part # LXML-PWW1-0050
Description  ultra-compact, surface-mount, high-power LED
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXML-PWW1-0050 Datasheet(HTML) 7 Page - Lumileds Lighting Company

Back Button LXML-PWW1-0050 Datasheet HTML 3Page - Lumileds Lighting Company LXML-PWW1-0050 Datasheet HTML 4Page - Lumileds Lighting Company LXML-PWW1-0050 Datasheet HTML 5Page - Lumileds Lighting Company LXML-PWW1-0050 Datasheet HTML 6Page - Lumileds Lighting Company LXML-PWW1-0050 Datasheet HTML 7Page - Lumileds Lighting Company LXML-PWW1-0050 Datasheet HTML 8Page - Lumileds Lighting Company LXML-PWW1-0050 Datasheet HTML 9Page - Lumileds Lighting Company LXML-PWW1-0050 Datasheet HTML 10Page - Lumileds Lighting Company LXML-PWW1-0050 Datasheet HTML 11Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LUXEON Rebel Datasheet DS56 (7/07)
7
Electrical Characteristics
Electrical Characteristics at 350mA for LUXEON Rebel,
Part Numbers LXMLPxx10xxx, Thermal Pad Temperature = 25ºC
Table 3.
T
Ty
yp
piic
ca
all
T
Te
em
mp
pe
erra
attu
urre
e
T
Ty
yp
piic
ca
all
T
Ty
yp
piic
ca
all
C
Co
oe
effffiic
ciie
en
ntt o
off
T
Th
he
errm
ma
all
D
Dy
yn
na
am
miic
c
F
Fo
orrw
wa
arrd
d
R
Re
es
siis
stta
an
nc
ce
e
F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e V
Vff [1]
R
Re
es
siis
stta
an
nc
ce
e [2]
V
Vo
olltta
ag
ge
e [3]
J
Ju
un
nc
cttiio
on
n tto
o
((V
V))
((Ω
Ω))
((m
mV
V//ooC
C))
T
Th
he
errm
ma
all P
Pa
ad
d ((ooC
C//W
W))
C
Co
ollo
orr
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
R
R
D
D
ΔΔVV
F
F /
/
ΔΔTT
J
J
R
R
θθ
J
J C
C
CoolWhite
2.55
3.15
3.99
0.3
3.0
10
NeutralWhite
2.55
3.15
3.99
0.3
3.0
10
WarmWhite
2.55
3.15
3.99
0.3
3.0
10
Green
2.55
3.15
3.99
0.3
6.0
10
Cyan
2.55
3.15
3.99
0.3
3.0
10
Blue
2.55
3.15
3.99
0.2
3.0
10
RoyalBlue
2.55
3.15
3.99
0.2
5.0
10
Red
2.31
2.9
3.51
1.65
3.5
12
RedOrange
2.31
2.9
3.51
1.5
3.0
12
Amber
2.31
2.9
3.51
1.3
2.5
12
Notes for Table 3:
1.
Philips Lumileds maintains a tolerance of ±0.06V on forward voltage measurements.
2.
Dynamic resistance is the inverse of the slope in linear forward voltage model for LEDs. See figures 8 and 9.
3.
Measured between 25°C = TJ = 110°C at If = 350 mA.
Typical Electrical Characteristics at 700mA for LUXEON Rebel,
Part Numbers LXMLPxx10xxx, Thermal Pad Temperature = 25ºC
Table 4.
T
Ty
yp
piic
ca
all F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e V
Vff
C
Co
ollo
orr
((V
V))
CoolWhite
3.40
NeutralWhite
3.40
WarmWhite
3.40
Green
3.40
Cyan
3.40
Blue
3.40
RoyalBlue
3.40
Red
3.60
RedOrange
3.60
Amber
3.60
Notes for Table 4:
1.
Philips Lumileds maintains a tolerance of ±0.06V on forward voltage measurements.
2.
Dynamic resistance is the inverse of the slope in linear forward voltage model for LEDs. See figures 8 and 9.
3.
Measured between 25°C = TJ = 110°C at If = 700 mA.


Similar Part No. - LXML-PWW1-0050

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PW11 LUMILEDS-LXML-PW11 Datasheet
3Mb / 34P
   Illumination Portfolio ANSI Binned with Minimum CRI
LXML-PW21 LUMILEDS-LXML-PW21 Datasheet
3Mb / 34P
   Illumination Portfolio ANSI Binned with Minimum CRI
LXML-PW31 LUMILEDS-LXML-PW31 Datasheet
3Mb / 34P
   Illumination Portfolio ANSI Binned with Minimum CRI
LXML-PW51 LUMILEDS-LXML-PW51 Datasheet
3Mb / 34P
   Illumination Portfolio ANSI Binned with Minimum CRI
LXML-PW71 LUMILEDS-LXML-PW71 Datasheet
3Mb / 34P
   Illumination Portfolio ANSI Binned with Minimum CRI
More results

Similar Description - LXML-PWW1-0050

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC410 SHARP-PC410 Datasheet
50Kb / 5P
   Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC417 SHARP-PC417 Datasheet
58Kb / 5P
   Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
logo
STANLEY ELECTRIC CO.,LT...
UB1112H STANLEY-UB1112H Datasheet
73Kb / 6P
   ULTRA HIGH BRIGHTNESS TYPE SURFACE MOUNT LED
logo
List of Unclassifed Man...
EESX1109 ETC-EESX1109 Datasheet
208Kb / 9P
   Ultra-Compact Photomicrosensors with Surface-Mount Design
logo
Inolux Corporation
IN-3021PUV INOLUX-IN-3021PUV Datasheet
662Kb / 10P
   Surface Mount High Power Ultraviolet LED
IN-5051SCUV INOLUX-IN-5051SCUV Datasheet
631Kb / 12P
   Surface Mount High Power Ultraviolet LED
IN-5053PUV INOLUX-IN-5053PUV Datasheet
704Kb / 12P
   Surface Mount High Power Ultraviolet LED
IN-7074GCUV INOLUX-IN-7074GCUV Datasheet
1Mb / 14P
   Surface Mount High Power Ultraviolet LED
IN-3531ACUV INOLUX-IN-3531ACUV Datasheet
1Mb / 13P
   Surface Mount High Power Ultraviolet LED
IN-505FCHWV INOLUX-IN-505FCHWV Datasheet
3Mb / 12P
   Inolux Surface Mount High Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com