Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXK2-PW14-U00 Datasheet(PDF) 11 Page - Lumileds Lighting Company

Part # LXK2-PW14-U00
Description  the most robust and powerful LED
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PW14-U00 Datasheet(HTML) 11 Page - Lumileds Lighting Company

Back Button LXK2-PW14-U00 Datasheet HTML 7Page - Lumileds Lighting Company LXK2-PW14-U00 Datasheet HTML 8Page - Lumileds Lighting Company LXK2-PW14-U00 Datasheet HTML 9Page - Lumileds Lighting Company LXK2-PW14-U00 Datasheet HTML 10Page - Lumileds Lighting Company LXK2-PW14-U00 Datasheet HTML 11Page - Lumileds Lighting Company LXK2-PW14-U00 Datasheet HTML 12Page - Lumileds Lighting Company LXK2-PW14-U00 Datasheet HTML 13Page - Lumileds Lighting Company LXK2-PW14-U00 Datasheet HTML 14Page - Lumileds Lighting Company LXK2-PW14-U00 Datasheet HTML 15Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
LUXEON K2 Datasheet DS51 (7/07)
11
Absolute Maximum Ratings
Table 8.
C
Co
oo
oll W
Wh
hiitte
e//N
Ne
eu
uttrra
all W
Wh
hiitte
e//
G
Grre
ee
en
n//C
Cy
ya
an
n
R
Re
ed
d//R
Re
ed
d O
Orra
an
ng
ge
e
W
Wa
arrm
m W
Wh
hiitte
e
B
Bllu
ue
e//R
Ro
oy
ya
all B
Bllu
ue
e
//A
Am
mb
be
err
P
Pa
arra
am
me
ette
err
V
Va
allu
ue
e
V
Va
allu
ue
e
V
Va
allu
ue
e
DC Forward Current (mA)
1500
1500
700
Peak Pulsed Forward Current (mA)
1500
1500
700
Average Forward Current (mA)
1500
1500
700
ESD Sensitivity
2,000 V HBM
2,000 V HBM
2,000 V HBM
Class 2 JESD22A114B
Class 2 JESD22A114B
Class 2 JESD22A114B
LED Junction Temperature
150°C
185°C
150°C
Max Case Temperature
135°C
170°C
135°C
Storage Temperature
40°C
185°C
40°C
185°C
40°C
185°C
K2 Star AluminumCore
105°C
N/A
N/A
PCB Temperature
Soldering Temperature
JEDEC 020c 260°C
JEDEC 020c 260°C
JEDEC 020c 260°C
Allowable Reflow Cycles
3
3
3
Autoclave Conditions
121°C at 2 ATM,
121°C at 2 ATM,
121°C at 2 ATM,
100% RH for 72 hours max
100% RH for 72 hours max
100% RH for 72 hours max
Reverse Voltage (Vr)
See Note 2
See Note 2
See Note 2
Notes for Table 8:
1.
Proper current derating must be observed to maintain junction temperature below the maximum.
2.
LEDs are not designed to be driven in reverse bias.
3.
Stresses in excess of the absolute maximum ratings can cause damage to the emitter. Maximum Rating limits apply to
each parameter in isolation, all parameters having values within the Current Derating Curve. It should not be assumed that
limiting values of more than one parameter can be applied to the product at the same time. Exposures to the absolute
maximum ratings for extended periods can adversely affect device reliability. See Current Derating Curves in this document
for more details.


Similar Part No. - LXK2-PW14-U00

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXK2-PWC4-0160 LUMILEDS-LXK2-PWC4-0160 Datasheet
655Kb / 26P
   power LED
LXK2-PWC4-0180 LUMILEDS-LXK2-PWC4-0180 Datasheet
655Kb / 26P
   power LED
LXK2-PWC4-0200 LUMILEDS-LXK2-PWC4-0200 Datasheet
655Kb / 26P
   power LED
More results

Similar Description - LXK2-PW14-U00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WE1010NA ETC2-WE1010NA Datasheet
417Kb / 1P
   The most powerful station in its class, now in a new design
logo
ATMEL Corporation
ATTINY48PRE ATMEL-ATTINY48PRE Datasheet
8Mb / 298P
   123 Powerful Instructions ??Most Single Clock Cycle Execution
AT90USB647 ATMEL-AT90USB647_14 Datasheet
11Mb / 456P
   135 powerful instructions ??most single clock cycle execution
ATMEGA48PA ATMEL-ATMEGA48PA_14 Datasheet
487Kb / 326P
   131 Powerful Instructions ??Most Single Clock Cycle Execution
ATMEGA48P ATMEL-ATMEGA48P_11 Datasheet
6Mb / 420P
   131 Powerful Instructions - Most Single Clock Cycle Execution
AT90PWM161 ATMEL-AT90PWM161_14 Datasheet
3Mb / 327P
   131 powerful instructions - most single clock cycle execution
ATMEGA48PV ATMEL-ATMEGA48PV_14 Datasheet
401Kb / 420P
   131 Powerful Instructions ??Most Single Clock Cycle Execution
logo
NEC
T120B-M NEC-T120B-M Datasheet
872Kb / 2P
   The powerful departmental server
T120G NEC-T120G Datasheet
963Kb / 2P
   The powerful departmental server
T120F NEC-T120F Datasheet
727Kb / 2P
   The powerful departmental server
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com