Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXCL-PWF1 Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # LXCL-PWF1
Description  power light source LUXEON짰 Flash
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXCL-PWF1 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  LXCL-PWF1 Datasheet HTML 1Page - Lumileds Lighting Company LXCL-PWF1 Datasheet HTML 2Page - Lumileds Lighting Company LXCL-PWF1 Datasheet HTML 3Page - Lumileds Lighting Company LXCL-PWF1 Datasheet HTML 4Page - Lumileds Lighting Company LXCL-PWF1 Datasheet HTML 5Page - Lumileds Lighting Company LXCL-PWF1 Datasheet HTML 6Page - Lumileds Lighting Company LXCL-PWF1 Datasheet HTML 7Page - Lumileds Lighting Company LXCL-PWF1 Datasheet HTML 8Page - Lumileds Lighting Company LXCL-PWF1 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
LUXEON Flash
DS49
(10/06)
Color Temperature (White) for Flash & Torch Modes
Table 3.
T
To
otta
all IIn
nc
cllu
ud
de
ed
d A
An
ng
glle
e [1]
V
Viie
ew
wiin
ng
g A
An
ng
glle
e [2]
C
Co
ollo
orr T
Te
em
mp
pe
erra
attu
urre
e
C
CC
CT
T
((d
de
eg
grre
ee
es
s))
((d
de
eg
grre
ee
es
s))
M
Miin
n
T
Ty
yp
p
M
Ma
ax
x
θθ
0
0..9
90
0V
V
2
2
θθ 11//22
5000K
6500K
10000K
140
120
Notes for Table 3:
1.
Total included angle at which 90% of total luminous flux is captured.
2.
θ½ is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.
3.
Tolerance of x, y color coordinates is +/ 0.005.
Typical Forward Voltage (VF) vs. Drive Currents (IF) for Both Flash
& Torch Modes Junction Temperature TJ = 25ºC
Typical Electrical & Thermal Characteristics
Table 4.
T
Te
em
mp
pe
erra
attu
urre
e C
Co
oe
effffiic
ciie
en
ntt
o
off F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e [2]
T
Th
he
errm
ma
all R
Re
es
siis
stta
an
nc
ce
e,,
D
Dy
yn
na
am
miic
c R
Re
es
siis
stta
an
nc
ce
e [1] [2]
((m
mV
V//ooC
C))
J
Ju
un
nc
cttiio
on
n tto
o C
Ca
as
se
e
P
Pa
arrtt N
Nu
um
mb
be
err
((Ω
Ω)) R
R
D
D
ΔΔVV
F
F /
/
ΔΔTT
J
J
((ooC
C//W
W)) R
R
θθ
J
J C
C
LXCLPWF1
0.2
2.0
9.3
LXCLPWF3
0.2
2.0
13
Notes for Table 4:
1.
Dynamic resistance is the inverse of the slope in linear forward voltage model for LEDs.
2.
Measured between 25°C
≤ T
J ≤ 110°C at IF = 1000mA.
0
100
200
300
400
500
600
700
800
900
1000
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Forw ard Voltage (V)
Figure 5. Forward Voltage vs. Drive Current for LXCLPWF1.
0
100
200
300
400
500
600
700
800
900
1000
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Forw ard Voltage (V)
Figure 6. Forward Voltage vs. Drive Current for LXCLPWF3.


Similar Part No. - LXCL-PWF1

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXCL-PWF4 LUMILEDS-LXCL-PWF4 Datasheet
1Mb / 17P
   Power Light Source
More results

Similar Description - LXCL-PWF1

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS50 LUMILEDS-DS50 Datasheet
600Kb / 11P
   power light source LUXEON짰 Flash Module
DS26 LUMILEDS-DS26 Datasheet
259Kb / 4P
   power light source LUXEON짰 Collimator
DS25 LUMILEDS-DS25 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
DS45 LUMILEDS-DS45 Datasheet
916Kb / 17P
   power light source LUXEON짰 III Emitter
DS52 LUMILEDS-DS52 Datasheet
250Kb / 8P
   power light source LUXEON짰 Portable PWT
DS46 LUMILEDS-DS46 Datasheet
368Kb / 15P
   power light source LUXEON짰 III Star
DS40 LUMILEDS-DS40 Datasheet
667Kb / 11P
   power light source LUXEON짰 V Portable
DS47 LUMILEDS-DS47 Datasheet
509Kb / 13P
   power light source LUXEON짰 Warm White Emitter and Star
AB05 LUMILEDS-AB05 Datasheet
376Kb / 12P
   LUXEON짰 Power Light Sources
logo
CITIZEN ELECTRONICS CO....
CL-473S CITIZEN-CL-473S Datasheet
92Kb / 1P
   LED For Flash Light Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com