Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXK2-PWC4-0160 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # LXK2-PWC4-0160
Description  power LED
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PWC4-0160 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  LXK2-PWC4-0160 Datasheet HTML 1Page - Lumileds Lighting Company LXK2-PWC4-0160 Datasheet HTML 2Page - Lumileds Lighting Company LXK2-PWC4-0160 Datasheet HTML 3Page - Lumileds Lighting Company LXK2-PWC4-0160 Datasheet HTML 4Page - Lumileds Lighting Company LXK2-PWC4-0160 Datasheet HTML 5Page - Lumileds Lighting Company LXK2-PWC4-0160 Datasheet HTML 6Page - Lumileds Lighting Company LXK2-PWC4-0160 Datasheet HTML 7Page - Lumileds Lighting Company LXK2-PWC4-0160 Datasheet HTML 8Page - Lumileds Lighting Company LXK2-PWC4-0160 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LUXEON K2 with TFFC Datasheet DS60 (10/07)
3
Product Nomenclature
LUXEON K2 with TFFC LEDs are tested and binned at 1000mA.
The part number designation is explained as follows:
L X K 2
A B C D
E F G H for Emitter
L 2 K 2
A B C D
x x
E F G H for Star
Where:
A — designates radiation pattern (Value P for Lambertian emitter, M for Lambertian Star product)
B — designates color (see Philips Lumileds AB21)
C — designates color variant (0 for direct colors, C for CoolWhite)
D — designates test current (value 4 for 1000 mA)
E — Reserved for future offerings
FGH — minimum luminous flux (lm) or radiometric power (mW) performance
x x
indicates array description for Level 2 Star Product (11 for 1x1 array)
Therefore, products tested and binned at 1000mA follow the part numbering scheme:
L X K 2
P x x 4
x x x x (L 2 K 2
M x x 4
1 1
x x x x for Star)
Average Lumen Maintenance Characteristics
Lifetime for solidstate lighting devices (LEDs) is typically defined in terms of lumen maintenance—the percentage of initial light
output remaining after a specified period of time.
Philips Lumileds projects that white LUXEON K2 with TFFC products will deliver, on average, 70% lumen maintenance at 50,000
hours of operation at a forward current of 1000mA. This projection is based on constant current operation with junction tempera
ture maintained at or below 120°C.
This performance is based on independent test data, Philips Lumileds historical data from tests run on similar material systems,
and internal LUXEON reliability testing. Observation of design limits included in this data sheet is required in order to achieve this
projected lumen maintenance.
More information about lifetime and reliability can be found in the LUXEON K2 Reliability Datasheet on the Philips Lumileds
web site.
Environmental Compliance
Philips Lumileds is committed to providing environmentally friendly products to the solidstate lighting market. LUXEON K2 with
TFFC LEDs are compliant to the European Union directives on the Restriction of Hazardous Substances in electronic equipment,
namely the RoHS directive. Philips Lumileds will not intentionally add the following restricted materials to LUXEON K2 with TFFC
LEDs: lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (PBB) or polybrominated diphenyl ethers
(PBDE).


Similar Part No. - LXK2-PWC4-0160

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXK2-PW12-R00 LUMILEDS-LXK2-PW12-R00 Datasheet
1Mb / 41P
   the most robust and powerful LED
LXK2-PW12-S00 LUMILEDS-LXK2-PW12-S00 Datasheet
1Mb / 41P
   the most robust and powerful LED
LXK2-PW14-T00 LUMILEDS-LXK2-PW14-T00 Datasheet
1Mb / 41P
   the most robust and powerful LED
LXK2-PW14-U00 LUMILEDS-LXK2-PW14-U00 Datasheet
1Mb / 41P
   the most robust and powerful LED
LXK2-PW14-V00 LUMILEDS-LXK2-PW14-V00 Datasheet
1Mb / 41P
   the most robust and powerful LED
More results

Similar Description - LXK2-PWC4-0160

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
   POWER LED
logo
Arch Electronics Corp.
ALF100 ARCH-ALF100 Datasheet
332Kb / 5P
   LED Power
ALF150 ARCH-ALF150 Datasheet
332Kb / 5P
   LED Power
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-SJS-ST2-1 DOMINANT-DWS-SJS-ST2-1 Datasheet
880Kb / 13P
   Power LED
logo
Arch Electronics Corp.
QLF75 ARCH-QLF75_16 Datasheet
225Kb / 2P
   LED Power
QLF100 ARCH-QLF100_16 Datasheet
221Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-EJS-VW1-1 DOMINANT-DWS-EJS-VW1-1 Datasheet
864Kb / 13P
   Power LED
logo
Arch Electronics Corp.
ALF60 ARCH-ALF60 Datasheet
276Kb / 5P
   LED Power
APF60 ARCH-APF60 Datasheet
296Kb / 5P
   LED Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com