Part Name
         Description
CY25000

 Programmable Spread Spectrum Clock Generator for EMI Reduction ( 10 Page)


CYPRESS
100% 
Zoom Out Zoom In
 
 6 page
background image
CY25000
Document #: 38-07424 Rev. *B
Page 6 of 10
Switching Waveforms (continued)
Output Enable/Disable Timing
CLKOUT
VDD
TOE1
VIL
VIH
OUTPUT
ENABLE
0V
(Asynchronous)
High Impedance
TOE2
Informational Graphs
Spread Spectrum Profile: Fnom=166MHz,
Fmod=30kHz, Spread%= -4%
172.5
171.5
170.5
169.5
168.5
167.5
166.5
165.5
164.5
163.5
162.5
161.5
160.5
159.5
Fnominal
0
20
40
60
80
100
120
140
160 180
200
Time (us)
Spread Spectrum Profile: Fnom=166MHz,
Fmod=30kHz, Spread%= +/-1%
0
20
40
60
80
100
120
140
160
180
200
Time (us)
Fnominal
169.5
169
168.5
168
167.5
167
166.5
166
165.5
165
164.5
164
163.5
163
162.5
Spread Spectrum Profile: Fnom=66MHz,
Fmod=30kHz, Spread%= -4%
0
20
40
60
80
100
120
140
160
180
200
Time (us)
Fnominal
68.5
68
67.5
67
66.5
66
65.5
65
64.5
64
63.5
Spread Spectrum Profile: Fnom=66MHz,
Fmod=30kHz, Spread%= +/-1%
0
20
40
60
80
100
120
140
160
180
200
Time (us)
Fnominal
67.5
67
66.5
66
65.5
65
64.5



Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SL15101Programmable Spread Spectrum Clock Generator SSCG 1 2 3 4 5 MoreSpectraLinear Inc
IMISG509REDUCED EMI CLOCK CHIP CMOS LSI SPECTRUM SPREAD CLOCK GENERATOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CY25402Two PLL Programmable Clock Generator with Spread Spectrum 1 2 3 4 5 MoreCypress Semiconductor
CY25403Three PLL Programmable Clock Generator with Spread Spectrum 1 2 3 4 5 MoreCypress Semiconductor
CY2545_0710Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface 1 2 3 4 5 MoreCypress Semiconductor
CY2544Quad PLL Programmable Clock Generator with Spread Spectrum 1 2 3 4 5 MoreCypress Semiconductor
CY22K7_04133-MHz Spread Spectrum Clock Generator For Use With the AMD-K7® Processor and AMD-750 Chipset 1 2 3 4 5 MoreCypress Semiconductor
CY2545Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface 1 2 3 4 5 MoreCypress Semiconductor
ABE0101Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 5 Abracon Corporation
SM8760CASpread Spectrum Clock Generator 1 2 3 4 5 MoreNippon Precision Circuits Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl