Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY24713 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY24713
Description  Set-top Box Clock Generator with VCXO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24713 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY24713 Datasheet HTML 1Page - Cypress Semiconductor CY24713 Datasheet HTML 2Page - Cypress Semiconductor CY24713 Datasheet HTML 3Page - Cypress Semiconductor CY24713 Datasheet HTML 4Page - Cypress Semiconductor CY24713 Datasheet HTML 5Page - Cypress Semiconductor CY24713 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CY24713
Document #: 38-07396 Rev. **
Page 3 of 6
Recommended Operating Conditions
Parameter
Description
Min.
Typ.
Max.
Unit
VDD
Operating Voltage
3.135
3.3
3.465
V
TA
Ambient Temperature
0
70
°C
CLOAD
Max. Load Capacitance
15
pF
tPU
Power-up time for all VDDs to
reach minimum specified voltage
(power ramps must be monotonic)
0.05
500
ms
DC Electrical Characteristics
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
IOH
Output High Current
VOH = VDD – 0.5, VDD = 3.3V
12
24
mA
IOL
Output Low Current
VOL = 0.5, VDD = 3.3V
12
24
mA
CIN
Input Capacitance
7
pF
IIZ
Input Leakage Current
5
µA
f∆XO
VCXO pullability range
±150
ppm
VVCXO
VCXO input range
0
VDD
V
IVDD
Supply Current
25
30
mA
AC Electrical Characteristics (VDD = 3.3V)
Parameter[3]
Description
Conditions
Min.
Typ.
Max.
Unit
DC
Output Duty Cycle
Duty Cycle is defined in Figure 1 50% of VDD
45
50
55
%
ER0
Rising Edge Rate
Output Clock Edge Rate, Measured from 20%
to 80% of VDD, CLOAD = 15 pF Figure 2.
0.8
1.4
V/ns
EF1
Falling Edge Rate
Output Clock Edge Rate, Measured from 80%
to 20% of VDD, CLOAD = 15 pF Figure 2.
0.8
1.4
V/ns
t9
Clock Jitter
Peak-Peak period jitter maximum absolute jitter
200
250
ps
t10
PLL Lock Time
3
ms
Notes:
3. Not 100% tested


Similar Part No. - CY24713

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2410 CYPRESS-CY2410 Datasheet
432Kb / 13P
   MPEG Clock Generator with VCXO Integrated phase-locked loop (PLL)
CY2410-1 CYPRESS-CY2410-1 Datasheet
432Kb / 13P
   MPEG Clock Generator with VCXO Integrated phase-locked loop (PLL)
CY2410-5 CYPRESS-CY2410-5 Datasheet
432Kb / 13P
   MPEG Clock Generator with VCXO Integrated phase-locked loop (PLL)
CY24115 CYPRESS-CY24115 Datasheet
120Kb / 5P
   MediaClock??Mini Disc Clock Generator
CY24115SC-1 CYPRESS-CY24115SC-1 Datasheet
120Kb / 5P
   MediaClock??Mini Disc Clock Generator
More results

Similar Description - CY24713

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS615 ICST-ICS615 Datasheet
57Kb / 4P
   Set-Top Box Clock Source
MK2771-13 ICST-MK2771-13 Datasheet
62Kb / 4P
   VCXO and Set-Top Clock Source
MK2771-15 ICST-MK2771-15 Datasheet
64Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2771-15 RENESAS-MK2771-15 Datasheet
340Kb / 8P
   VCXO AND SET-TOP CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK2772-01 ICST-MK2772-01 Datasheet
64Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2771-16 RENESAS-MK2771-16 Datasheet
346Kb / 8P
   VCXO AND SET-TOP CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK2771-12 ICST-MK2771-12 Datasheet
69Kb / 4P
   VCXO and Set-Top Clock Source
MK2771-16 ICST-MK2771-16 Datasheet
66Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2772-01 RENESAS-MK2772-01 Datasheet
704Kb / 5P
   VCXO and Set-Top Clock Source
102704
logo
Pericom Semiconductor C...
FRSTB1027 PERICOM-FRSTB1027 Datasheet
888Kb / 2P
   3.3V CMOS 27.000MHz Set Top Box VCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com