Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2545CXXXT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2545CXXXT
Description  Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2545CXXXT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2545CXXXT Datasheet HTML 1Page - Cypress Semiconductor CY2545CXXXT Datasheet HTML 2Page - Cypress Semiconductor CY2545CXXXT Datasheet HTML 3Page - Cypress Semiconductor CY2545CXXXT Datasheet HTML 4Page - Cypress Semiconductor CY2545CXXXT Datasheet HTML 5Page - Cypress Semiconductor CY2545CXXXT Datasheet HTML 6Page - Cypress Semiconductor CY2545CXXXT Datasheet HTML 7Page - Cypress Semiconductor CY2545CXXXT Datasheet HTML 8Page - Cypress Semiconductor CY2545CXXXT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CY2545
CY2547
Quad PLL Programmable Spread Spectrum
Clock Generator with Serial I2
C Interface
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-13196 Rev. *A
Revised October 05, 2007
Features
Four fully integrated phase locked loops (PLLs)
Input frequency range
External crystal: 8 to 48 MHz
External reference: 8 to 166 MHz clock
Wide operating output frequency range
3 to 166 MHz
Serial programmable over 2-wire I
2C interface
Programmable spread spectrum with center and down
spread option and Lexmark and Linear modulation profiles
VDD supply voltage options:
2.5V, 3.0V, and 3.3V for CY2545
1.8V for CY2547
Selectable output clock voltages independent of VDD supply:
2.5V, 3.0V, and 3.3V for CY2545
1.8V for CY2547
Power down, output enable, or frequency select features
Low jitter, high accuracy outputs
Ability to synthesize nonstandard frequencies with
Fractional-N capability
Up to eight clock outputs with programmable drive strength
Glitch-free outputs while frequency switching
24-pin QFN package
Commercial and industrial temperature ranges
Benefits
Multiple high performance PLLs allow synthesis of unrelated
frequencies
Nonvolatile programming for personalization of PLL
frequencies, spread spectrum characteristics, drive strength,
crystal load capacitance, and output frequencies
Application specific programmable EMI reduction using
Spread Spectrum for clocks
Programmable PLLs for system frequency margin tests
Meets critical timing requirements in complex system
designs
Suitability for PC, consumer, portable, and networking appli-
cations
Capable of Zero PPM frequency synthesis error
Uninterrupted system operation during clock frequency
switch
Application compatibility in standard and low power systems
Logic Block Diagram
OSC
MUX
and
Control
Logic
I2C
PLL1
PLL2
PLL3
(SS)
PLL4
(SS)
Output
Dividers
and
Drive
Strength
Control
CLK1
CLK8
CLK7
CLK6
CLK5
CLK4
CLK3
CLK2
Crossbar
Switch
CLKIN/RST
FS
SSON
XOUT
XIN/
EXCLKIN
PD#/OE
SCL
SDA
Bank
1
Bank
2
Bank
3
[+] Feedback


Similar Part No. - CY2545CXXXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2545CXXXT CYPRESS-CY2545CXXXT Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545CXXXT CYPRESS-CY2545CXXXT Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
More results

Similar Description - CY2545CXXXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2545 CYPRESS-CY2545 Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545 CYPRESS-CY2545_11 Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY24488 CYPRESS-CY24488 Datasheet
292Kb / 15P
   Quad PLL Clock Generator with Serial Interface (I2C)
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403_11 Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_11 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com