Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2545CXXX Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY2545CXXX
Description  Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2545CXXX Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY2545CXXX Datasheet HTML 5Page - Cypress Semiconductor CY2545CXXX Datasheet HTML 6Page - Cypress Semiconductor CY2545CXXX Datasheet HTML 7Page - Cypress Semiconductor CY2545CXXX Datasheet HTML 8Page - Cypress Semiconductor CY2545CXXX Datasheet HTML 9Page - Cypress Semiconductor CY2545CXXX Datasheet HTML 10Page - Cypress Semiconductor CY2545CXXX Datasheet HTML 11Page - Cypress Semiconductor CY2545CXXX Datasheet HTML 12Page - Cypress Semiconductor CY2545CXXX Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CY2545
CY2547
Document #: 001-13196 Rev. *A
Page 9 of 15
Absolute Maximum Conditions
Parameter
Description
Condition
Min
Max
Unit
VDD
Supply voltage for CY2545
–0.5
4.5
V
VDD
Supply Voltage for CY2547
–0.5
2.6
V
VDD_CLK_BX
Output Bank supply voltage
–0.5
4.5
V
VIN
Input voltage for CY2545
Relative to VSS
–0.5
VDD+0.5
V
VIN
Input voltage for CY2547
Relative to VSS
–0.5
2.2
V
TS
Temperature and storage
Nonfunctional
–65
+150
°C
ESDHBM
ESD protection (Human Body Model)
JEDEC EIA/JESD22-A114-E
2000
Volts
UL-94
Flammability rating
V-0 @1/8 in.
10
ppm
MSL
Moisture sensitivity level
3
Recommended Operating Conditions
Parameter
Description
Min
Typ
Max
Unit
VDD
VDD Operating voltage for CY2545
2.25
3.60
V
VDD
VDD Operating voltage for CY2547
1.65
1.8
1.95
V
VDD_CLK_BX
Output driver voltage for Bank 1, 2 and 3
1.43
3.60
V
TAC
Commercial ambient temperature
0–
+70
°C
TAI
Industrial ambient temperature
–40
--
+85
°C
CLOAD
Maximum load capacitance
––
15
pF
tPU
Power up time for all VDD to reach minimum specified voltage (power
ramps must be monotonic)
0.05
500
ms
[+] Feedback


Similar Part No. - CY2545CXXX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2545CXXX CYPRESS-CY2545CXXX Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545CXXX CYPRESS-CY2545CXXX Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545CXXXT CYPRESS-CY2545CXXXT Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545CXXXT CYPRESS-CY2545CXXXT Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
More results

Similar Description - CY2545CXXX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2545 CYPRESS-CY2545 Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545 CYPRESS-CY2545_11 Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY24488 CYPRESS-CY24488 Datasheet
292Kb / 15P
   Quad PLL Clock Generator with Serial Interface (I2C)
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403_11 Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_11 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com