Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2304SI-2 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2304SI-2
Description  3.3V Zero Delay Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2304SI-2 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2304SI-2 Datasheet HTML 1Page - Cypress Semiconductor CY2304SI-2 Datasheet HTML 2Page - Cypress Semiconductor CY2304SI-2 Datasheet HTML 3Page - Cypress Semiconductor CY2304SI-2 Datasheet HTML 4Page - Cypress Semiconductor CY2304SI-2 Datasheet HTML 5Page - Cypress Semiconductor CY2304SI-2 Datasheet HTML 6Page - Cypress Semiconductor CY2304SI-2 Datasheet HTML 7Page - Cypress Semiconductor CY2304SI-2 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CY2304
Document #: 38-07247 Rev. *D
Page 5 of 8
t5
Output-to-Output Skew on
same Bank (–1,–2)[4]
All outputs equally loaded
200
ps
Output Bank A to Output Bank
B Skew (–1)
All outputs equally loaded
200
ps
Output Bank A to Output Bank
B Skew (–2)
All outputs equally loaded
400
ps
t6
Skew, REF Rising Edge to
FBK Rising Edge[4]
Measured at VDD/2
0
±250
ps
t7
Device-to-Device Skew[4]
Measured at VDD/2 on the FBK pins of
devices
–0
500
ps
tJ
Cycle-to-Cycle Jitter[4]
(–1)
Measured at 66.67 MHz, loaded outputs,
15-pF load
––
180
ps
Measured at 66.67 MHz, loaded outputs,
30-pF load
––
200
ps
Measured at 133.3 MHz, loaded outputs,
15 pF load
––
100
ps
tJ
Cycle-to-Cycle Jitter[4]
(–2)
Measured at 66.67 MHz, loaded outputs,
30-pF load
––
400
ps
Measured at 66.67 MHz, loaded outputs,
15-pF load
––
380
ps
tLOCK
PLL Lock Time[4]
Stable power supply, valid clocks
presented on REF and FBK pins
––
1.0
ms
Electrical Characteristics for CY2304SI-X Industrial Temperature Devices
Parameter
Description
Test Conditions
Min.
Max.
Unit
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
V
IIL
Input LOW Current
VIN = 0V
50.0
µA
IIH
Input HIGH Current
VIN = VDD
100.0
µA
VOL
Output LOW Voltage[4]
IOL = 8 mA (–1, –2)
0.4
V
VOH
Output HIGH Voltage[4]
IOH = –8 mA (–1, –2)
2.4
V
IDD (PD mode)
Power-down Supply Current
REF = 0 MHz
25.0
µA
IDD
Supply Current
Unloaded outputs, 100 MHz,
Select inputs at VDD or GND
–45.0
mA
Unloaded outputs, 66-MHz REF
(–1, –2)
–35.0
mA
Unloaded outputs, 33-MHz REF
(–1, –2)
–20.0
mA
Switching Waveforms
Switching Characteristics for CY2304SI-X Industrial Temperature Devices (continued)[5]
Parameter
Name
Test Conditions
Min.
Typ.
Max.
Unit
Duty Cycle Timing
t1
t2
1.4V
1.4V
1.4V


Similar Part No. - CY2304SI-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2304SI-2 CYPRESS-CY2304SI-2 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
More results

Similar Description - CY2304SI-2

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com