Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY23S08SXC-2H Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY23S08SXC-2H
Description  3.3V Zero Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23S08SXC-2H Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY23S08SXC-2H Datasheet HTML 1Page - Cypress Semiconductor CY23S08SXC-2H Datasheet HTML 2Page - Cypress Semiconductor CY23S08SXC-2H Datasheet HTML 3Page - Cypress Semiconductor CY23S08SXC-2H Datasheet HTML 4Page - Cypress Semiconductor CY23S08SXC-2H Datasheet HTML 5Page - Cypress Semiconductor CY23S08SXC-2H Datasheet HTML 6Page - Cypress Semiconductor CY23S08SXC-2H Datasheet HTML 7Page - Cypress Semiconductor CY23S08SXC-2H Datasheet HTML 8Page - Cypress Semiconductor CY23S08SXC-2H Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY23S08
Document #: 38-07265 Rev. *G
Page 3 of 10
Spread Aware
Many systems being designed now utilize a technology called Spread Spectrum Frequency Timing Generation. Cypress has been
one of the pioneers of SSFTG development, and we designed this product so as not to filter off the Spread Spectrum feature of the
Reference input, assuming it exists. When a zero delay buffer is not designed to pass the SS feature through, the result is a significant
amount of tracking skew which may cause problems in systems requiring synchronization.
For more details on Spread Spectrum timing technology, please see Cypress’s application note EMI Suppression Techniques with
Spread Spectrum Frequency Timing Generator (SSFTG) ICs.
Table 2. Select Input Decoding
S2
S1
CLOCK A1–A4
CLOCK B1–B4
Output Source
PLL Shutdown
0
0
Three-State
Three-State
PLL
Y
0
1
Driven
Three-State
PLL
N
1
0
Driven
Driven
Reference
Y
1
1
Driven
Driven
PLL
N
Table 3. Available CY23S08 Configurations
Device
Feedback From
Bank A Frequency
Bank B Frequency
CY23S08–1
Bank A or Bank B
Reference
Reference
CY23S08–1H
Bank A or Bank B
Reference
Reference
CY23S08–2
Bank A
Reference
Reference/2
CY23S08–2H
Bank A
Reference
Reference/2
CY23S08–2
Bank B
2 X Reference
Reference
CY23S08–2H
Bank B
2 X Reference
Reference
CY23S08–3
Bank A
2 X Reference
Reference or Reference[1]
CY23S08–3
Bank B
4 X Reference
2 X Reference
CY23S08–4
Bank A or Bank B
2 X Reference
2 X Reference
[+] Feedback


Similar Part No. - CY23S08SXC-2H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23S08SXC-2H CYPRESS-CY23S08SXC-2H Datasheet
382Kb / 10P
   3.3V Zero Delay Buffer
CY23S08SXC-2H CYPRESS-CY23S08SXC-2H Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY23S08SXC-2HT CYPRESS-CY23S08SXC-2HT Datasheet
382Kb / 10P
   3.3V Zero Delay Buffer
CY23S08SXC-2HT CYPRESS-CY23S08SXC-2HT Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
More results

Similar Description - CY23S08SXC-2H

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com