Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2292SC-XXX Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY2292SC-XXX
Description  Three-PLL General-Purpose EPROM Programmable Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2292SC-XXX Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY2292SC-XXX Datasheet HTML 3Page - Cypress Semiconductor CY2292SC-XXX Datasheet HTML 4Page - Cypress Semiconductor CY2292SC-XXX Datasheet HTML 5Page - Cypress Semiconductor CY2292SC-XXX Datasheet HTML 6Page - Cypress Semiconductor CY2292SC-XXX Datasheet HTML 7Page - Cypress Semiconductor CY2292SC-XXX Datasheet HTML 8Page - Cypress Semiconductor CY2292SC-XXX Datasheet HTML 9Page - Cypress Semiconductor CY2292SC-XXX Datasheet HTML 10Page - Cypress Semiconductor CY2292SC-XXX Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CY2292
Document #: 38-07449 Rev. *C
Page 8 of 11
t9A
Clock Jitter[14]
Peak-to-peak period jitter (t9A max. – t9A min.),
% of clock period (fOUT < 4 MHz)
< 0.5
1
%
t9B
Clock Jitter[14]
Peak-to-peak period jitter (t9B max. – t9B min.)
(4 MHz < fOUT < 16 MHz)
< 0.7
1
ns
t9C
Clock Jitter[14]
Peak-to-peak period jitter
(16 MHz < fOUT < 50 MHz)
< 400
500
ps
t9D
Clock Jitter[14]
Peak-to-peak period jitter
(fOUT > 50 MHz)
< 250
350
ps
t10A
Lock Time for
CPLL
Lock Time from Power-up
< 25
50
ms
t10B
Lock Time for
UPLL and SPLL
Lock Time from Power-up
< 0.25
1
ms
Slew Limits
CPU PLL Slew Limits
CY2292I
20
66.6
MHz
CY2292FI
20
60
MHz
Switching Waveforms
Switching Characteristics, Industrial 3.3V (continued)
Parameter
Name
Description
Min.
Typ.
Max.
Unit
All Outputs, Duty Cycle and Rise/Fall Time
t1
OUTPUT
t2
t3
t4
t5
OE
ALL
THREE-STATE
OUTPUTS
t6
Output Three-State Timing[4]
CLK Outputs Jitter and Skew
t7
CLK
OUTPUT
RELATED
CLK
t9A
CPU Frequency Change
SELECT
CPU
OLD SELECT
NEW SELECT STABLE
Fold
Fnew
t8 &t10


Similar Part No. - CY2292SC-XXX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2292SC-XXX CYPRESS-CY2292SC-XXX Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2292SC-XXXT CYPRESS-CY2292SC-XXXT Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
More results

Similar Description - CY2292SC-XXX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
CY2291 CYPRESS-CY2291 Datasheet
121Kb / 13P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_08 Datasheet
346Kb / 12P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2071A CYPRESS-CY2071A_06 Datasheet
230Kb / 9P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907 Datasheet
148Kb / 10P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2071A CYPRESS-CY2071A Datasheet
118Kb / 8P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_07 Datasheet
355Kb / 11P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_13 Datasheet
565Kb / 13P
   Single-PLL General Purpose EPROM Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com