Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY244ZXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY244ZXC
Description  Factory Programmable Quad PLL Clock Generator with VCXO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY244ZXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY244ZXC Datasheet HTML 1Page - Cypress Semiconductor CY244ZXC Datasheet HTML 2Page - Cypress Semiconductor CY244ZXC Datasheet HTML 3Page - Cypress Semiconductor CY244ZXC Datasheet HTML 4Page - Cypress Semiconductor CY244ZXC Datasheet HTML 5Page - Cypress Semiconductor CY244ZXC Datasheet HTML 6Page - Cypress Semiconductor CY244ZXC Datasheet HTML 7Page - Cypress Semiconductor CY244ZXC Datasheet HTML 8Page - Cypress Semiconductor CY244ZXC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Factory Programmable Quad PLL Clock Generator with VCXO
CY244/45ZXC
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07748 Rev. **
Revised March 7, 2005
Features
• Fully integrated phase-locked loops (PLLs)
• Selectable Output Frequency
• Programmable Output Frequencies
• Output Frequency Range of 5–166 MHz
• Input Frequency Range
— Crystal: 10–30 MHz
— External Reference: 1–100 MHz
• Analog VCXO
• 16-/20-pin TSSOP packages
• 3.3V operation
Benefits
• Meets most Digital Set Top Box, DVD Recorder and DTV
application requirements
• Multiple high-performance PLLs allow synthesis of
unrelated frequencies
• Integration eliminates the need for external loop filter
components
• Meets critical timing requirements in complex system
designs
• Enables application compatibility
• Complete VCXO solution with ±120 ppm (minimum pull
range)
Block Diagram
Pin Configuration
CY245ZXC
1
2
3
4
5
6
7
813
14
15
16
17
18
19
20
XIN
FS2
AVDD
VIN
AVSS
OE/PD
CLKA
VSS
VDD
CLKD
CLKE
VSS
CLKF
CLKG
VDD
XOUT
CLKB
FS0
FS1
CLKC
912
10
11
20-Pin TSSOP
VCXO
PLL1
PLL2
PLL3
PLL4
CLKA
CLKB
CLKC
CLKD
CLKE
CLKF
CLKG
Divider
&
Multiplexer
XIN
XOUT
Select
Logic
FS0/1/2
OE
VIN
CY244ZXC
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
XIN
AVDD
VIN
AVSS
CLKA/OE
VSS
CLKB
FS1
CLKC
FS0
VDD
VSS
CLKF
CLKG
VDD
XOUT
16-Pin TSSOP


Similar Part No. - CY244ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24488 CYPRESS-CY24488 Datasheet
292Kb / 15P
   Quad PLL Clock Generator with Serial Interface (I2C)
CY24488ZXC CYPRESS-CY24488ZXC Datasheet
292Kb / 15P
   Quad PLL Clock Generator with Serial Interface (I2C)
CY24488ZXCT CYPRESS-CY24488ZXCT Datasheet
292Kb / 15P
   Quad PLL Clock Generator with Serial Interface (I2C)
More results

Similar Description - CY244ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22388 CYPRESS-CY22388_06 Datasheet
299Kb / 10P
   Factory Programmable Quad PLL Clock Generator with VCXO
logo
Maxim Integrated Produc...
MAX9491 MAXIM-MAX9491 Datasheet
303Kb / 11P
   Factory-Programmable, Single PLL Clock Generator
Rev 0; 1/06
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Cypress Semiconductor
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
   PLL Clock Generator IC with VCXO
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
   PLL CLOCK GENERATOR IC WITH VCXO
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
   PLL Clock Generator IC with VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com