Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28RS480ZXC-1T Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY28RS480ZXC-1T
Description  Clock Generator for ATI RS480 Chipset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28RS480ZXC-1T Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY28RS480ZXC-1T Datasheet HTML 1Page - Cypress Semiconductor CY28RS480ZXC-1T Datasheet HTML 2Page - Cypress Semiconductor CY28RS480ZXC-1T Datasheet HTML 3Page - Cypress Semiconductor CY28RS480ZXC-1T Datasheet HTML 4Page - Cypress Semiconductor CY28RS480ZXC-1T Datasheet HTML 5Page - Cypress Semiconductor CY28RS480ZXC-1T Datasheet HTML 6Page - Cypress Semiconductor CY28RS480ZXC-1T Datasheet HTML 7Page - Cypress Semiconductor CY28RS480ZXC-1T Datasheet HTML 8Page - Cypress Semiconductor CY28RS480ZXC-1T Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PRELIMINARY
CY28RS480-1
Document #: 38-07714 Rev. *C
Page 5 of 16
Byte 2: Control Register 2
Bit
@Pup
Name
Description
7
1
CPUT/C
SRCT/C
Spread Spectrum Selection
‘0’ = -0.35%
‘1’ = -0.50%
6
1
USB_48
48-MHz Output Drive Strength
0 = 1x, 1 = 2x
5
1
PCI
33-MHz Output Drive Strength
0 = 1x, 1 = 2x
4
0
Reserved
Reserved
3
1
Reserved
Reserved
20
CPU
SRC
CPU/SRC Spread Spectrum Enable
0 = Spread off, 1 = Spread on
1
1
Reserved
Reserved
0
1
Reserved
Reserved
Byte 3: Control Register 3
Bit
@Pup
Name
Description
7
1
CLKREQ#
CLKREQ# drive mode
0 = SRC clocks driven when stopped, 1 = SRC clocks tri-state when
stopped
6
0
Reserved
Reserved, Set = 0
5
1
Reserved
Reserved, Set = 1
4
0
Reserved
Reserved, Set = 0
3
1
Reserved
Reserved, Set = 1
2
1
Reserved
Reserved, Set = 1
1
1
Reserved
Reserved, Set = 1
0
1
HTT66
HTT66 Output Drive Strength 0 = High drive, 1 = Low drive.
Byte 4: Control Register 4
Bit
@Pup
Name
Description
7
0
SRC[T/C]5
SRC[T/C]5 CLKREQ0 control
1 = SRC[T/C]5 stoppable by CLKREQ#0 pin
0 = SRC[T/C]5 free running
6
0
SRC[T/C]4
SRC[T/C]4 CLKREQ#0 control
1 = SRC[T/C]4 stoppable by CLKREQ#0 pin
0 = SRC[T/C]4 free running
5
0
SRC[T/C]3
SRC[T/C]3 CLKREQ#0 control
1 = SRC[T/C]3 stoppable by CLKREQ#0 pin
0 = SRC[T/C]3 free running
4
0
SRC[T/C]2
SRC[T/C]2 CLKREQ#0 control
1 = SRC[T/C]2 stoppable by CLKREQ#0 pin
0 = SRC[T/C]2 free running
3
0
SRC[T/C]1
SRC[T/C]1 CLKREQ#0 control
1 = SRC[T/C]1 stoppable by CLKREQ#0 pin
0 = SRC[T/C]1 free running
2
0
SRC[T/C]0
SRC[T/C]0 CLKREQ#0 control
1 = SRC[T/C]1 stoppable by CLKREQ#0 pin
0 = SRC[T/C]1 free running
1
1
HTT66
HTT66 Output enable
0 = disabled, 1 = enabled
0
1
Reserved
Reserved


Similar Part No. - CY28RS480ZXC-1T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28RS480ZXC CYPRESS-CY28RS480ZXC Datasheet
217Kb / 15P
   Clock Generator for ATI RS480 Chipset
logo
SpectraLinear Inc
CY28RS480ZXC SPECTRALINEAR-CY28RS480ZXC Datasheet
144Kb / 14P
   Clock Generator for ATI RS480 Chipset
logo
Cypress Semiconductor
CY28RS480ZXCT CYPRESS-CY28RS480ZXCT Datasheet
217Kb / 15P
   Clock Generator for ATI RS480 Chipset
logo
SpectraLinear Inc
CY28RS480ZXCT SPECTRALINEAR-CY28RS480ZXCT Datasheet
144Kb / 14P
   Clock Generator for ATI RS480 Chipset
More results

Similar Description - CY28RS480ZXC-1T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28RS480 SPECTRALINEAR-CY28RS480 Datasheet
144Kb / 14P
   Clock Generator for ATI RS480 Chipset
logo
Cypress Semiconductor
CY28RS480 CYPRESS-CY28RS480 Datasheet
217Kb / 15P
   Clock Generator for ATI RS480 Chipset
CY28RS400 CYPRESS-CY28RS400 Datasheet
256Kb / 19P
   Clock Generator for ATI RS400 Chipset
logo
SpectraLinear Inc
CY28RS400 SPECTRALINEAR-CY28RS400 Datasheet
179Kb / 18P
   Clock Generator for ATI RS400 Chipset
logo
Cypress Semiconductor
CY28439 CYPRESS-CY28439 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 CYPRESS-CY28439-2 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28411-1 CYPRESS-CY28411-1 Datasheet
245Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28442-2 CYPRESS-CY28442-2_05 Datasheet
290Kb / 21P
   Clock Generator for Intel Alviso Chipset
CY28410-2 CYPRESS-CY28410-2 Datasheet
280Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28447 CYPRESS-CY28447 Datasheet
284Kb / 22P
   Clock Generator for Intel Calistoga Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com