Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY23S02SI-1 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY23S02SI-1
Description  Spread Aware?? Frequency Multiplier and Zero Delay Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23S02SI-1 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY23S02SI-1 Datasheet HTML 1Page - Cypress Semiconductor CY23S02SI-1 Datasheet HTML 2Page - Cypress Semiconductor CY23S02SI-1 Datasheet HTML 3Page - Cypress Semiconductor CY23S02SI-1 Datasheet HTML 4Page - Cypress Semiconductor CY23S02SI-1 Datasheet HTML 5Page - Cypress Semiconductor CY23S02SI-1 Datasheet HTML 6Page - Cypress Semiconductor CY23S02SI-1 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Spread Aware™, Frequency Multiplier and
Zero Delay Buffer
CY23S02
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07155 Rev. *C
Revised June 7, 2005
Features
• Spread Aware™—designed to work with SSFTG
reference signals
• 90ps typical jitter OUT2
• 200ps typical jitter OUT1
• 65ps typical output-to-output skew
• 90ps typical propagation delay
• Voltage range: 3.3V±5%, or 5V±10%
• Output frequency range: 20MHz-133MHz
• Two outputs
• Configuration options allow various multiplication of
the reference frequency, refer to Table 1 to determine
the specific option which meets your multiplication
needs
• Available in 8-pin SOIC package
Table 1. Configuration Options
FBIN
FS0
FS1
OUT1
OUT2
OUT1
0
0
2 X REF
REF
OUT1
1
0
4 X REF
2 X REF
OUT1
0
1
REF
REF/2
OUT1
1
1
8 X REF
4 X REF
OUT2
0
0
4 X REF
2 X REF
OUT2
1
0
8 X REF
4 X REF
OUT2
0
1
2 X REF
REF
OUT2
1
1
16 X REF
8 X REF
Block Diagram
Pin Configuration
÷Q
FS0
FS1
Reference
FBIN
Phase
Detector
Charge
Pump
Loop
Filter
VCO
÷2
Output
Buffer
OUT1
OUT2
Output
Buffer
External feedback connection to
OUT1 or OUT2, not both
Input
IN
OUT2
VDD
OUT1
FS1
8
7
6
5
FBIN
IN
GND
FS0
1
2
3
4


Similar Part No. - CY23S02SI-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23S02SXI-1 CYPRESS-CY23S02SXI-1 Datasheet
268Kb / 10P
   Spread Aware?? Frequency Multiplier, and Zero Delay Buffer
CY23S02SXI-1T CYPRESS-CY23S02SXI-1T Datasheet
268Kb / 10P
   Spread Aware?? Frequency Multiplier, and Zero Delay Buffer
More results

Similar Description - CY23S02SI-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23S02 CYPRESS-CY23S02 Datasheet
103Kb / 7P
   Spread Aware, Frequency Multiplier and Zero Delay Buffer
CY23S02 CYPRESS-CY23S02_12 Datasheet
268Kb / 10P
   Spread Aware?? Frequency Multiplier, and Zero Delay Buffer
W170-01 CYPRESS-W170-01 Datasheet
103Kb / 6P
   Spread Aware?? Frequency Multiplier and Zero Delay Buffer
W170-01G CYPRESS-W170-01G Datasheet
108Kb / 6P
   Spread Aware, Frequency Multiplier and Zero Delay Buffer
W163 CYPRESS-W163_02 Datasheet
95Kb / 5P
   Spread Aware?? Zero Delay Buffer
W162 CYPRESS-W162 Datasheet
147Kb / 7P
   Spread Aware?? Zero Delay Buffer
W163 CYPRESS-W163 Datasheet
89Kb / 4P
   Spread Aware?? Zero Delay Buffer
W152 CYPRESS-W152 Datasheet
145Kb / 7P
   Spread Aware?? Eight Output Zero Delay Buffer
W152 CYPRESS-W152_02 Datasheet
150Kb / 8P
   Spread Aware?? Eight Output Zero Delay Buffer
CY2509 CYPRESS-CY2509_09 Datasheet
157Kb / 6P
   Spread Aware Ten/Eleven Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com