Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C42000-24LFXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY8C42000-24LFXI
Description  Power PSoC??Devices
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C42000-24LFXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY8C42000-24LFXI Datasheet HTML 4Page - Cypress Semiconductor CY8C42000-24LFXI Datasheet HTML 5Page - Cypress Semiconductor CY8C42000-24LFXI Datasheet HTML 6Page - Cypress Semiconductor CY8C42000-24LFXI Datasheet HTML 7Page - Cypress Semiconductor CY8C42000-24LFXI Datasheet HTML 8Page - Cypress Semiconductor CY8C42000-24LFXI Datasheet HTML 9Page - Cypress Semiconductor CY8C42000-24LFXI Datasheet HTML 10Page - Cypress Semiconductor CY8C42000-24LFXI Datasheet HTML 11Page - Cypress Semiconductor CY8C42000-24LFXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
CY8C42323/CY8C42423
PRELIMINARY
CY8C42123/CY8C42223
Document 38-12034 Rev. *C
Page 8 of 42
6.0
Pin Assignment
This section lists, describes, and illustrates all Power PSoC device pins and pinout configurations. For up-to-date ordering, pinout,
and packaging information, refer to the individual PSoC device’s data sheet or go to http://www.cypress.com/psoc.
6.1
Pinouts
The PSoC devices are available in a variety of packages. Refer to the following information for details on individual devices. Every
port pin (labeled with a “P”) in the following tables and illustrations is capable of digital IO.
6.1.1
8-Pin SOIC Part Pinouts
The 8-pin SOIC part is for the CY8C42123 PSoC device.
8-Pin Part Pinout (SOIC)
Pin
No.
Name
Description
CY8C42123 PSoC Device
1
HVO
HVO
GD1
High Side Gate Driver 1
2
IO
I
P0[1]
3
IO
I
P1[1]
I2C Clock*
4
Power
Vss
Ground Connection
5
IO
I
P1[0]
I2C Data*
6
IO
I
P0[0]
7
HVO
HVI
VS0
High Voltage Sense 0, High Voltage Out-
put 0
8
Power
HVdd
Supply Voltage
LEGEND I = Input 5V Only, O = Output 5V Only, HV = High Voltage.
* These are the ISSP pins, which are not HighZ at POR (Power On Reset). See the Power PSoC Mixed-Signal Array Technical Reference Manual for details.
SOIC
1
2
3
4
8
7
6
5
HVO[0],VS0
P0[0]
P1[0] I2 C*
GD1
P0 [1 ]
I2C* P1[1]
Vss
HV
dd


Similar Part No. - CY8C42000-24LFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C4244AXI-443 CYPRESS-CY8C4244AXI-443 Datasheet
1,008Kb / 45P
   Programmable System-on-Chip (PSoC짰)
CY8C4244AXQ-443 CYPRESS-CY8C4244AXQ-443 Datasheet
1,008Kb / 45P
   Programmable System-on-Chip (PSoC짰)
CY8C4244AZI-443 CYPRESS-CY8C4244AZI-443 Datasheet
1,008Kb / 45P
   Programmable System-on-Chip (PSoC짰)
CY8C4244FNI-443 CYPRESS-CY8C4244FNI-443 Datasheet
1,008Kb / 45P
   Programmable System-on-Chip (PSoC짰)
CY8C4244LQI-443 CYPRESS-CY8C4244LQI-443 Datasheet
1,008Kb / 45P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C42000-24LFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C41123 CYPRESS-CY8C41123 Datasheet
832Kb / 36P
   Linear Power PSoC??Devices
CY3217 CYPRESS-CY3217 Datasheet
62Kb / 1P
   PSoC MiniProg
logo
Infineon Technologies A...
CY8C41XX INFINEON-CY8C41XX Datasheet
880Kb / 59P
   PSoC™ 4 MCU: PSoC™ 4100S Max
Rev. E 2022-10-14
CY8C62X6 INFINEON-CY8C62X6 Datasheet
1Mb / 77P
   PSoC 62 MCU
06/22/2020 Revision J
logo
Cypress Semiconductor
CY8C22113 CYPRESS-CY8C22113_04 Datasheet
754Kb / 36P
   PSoC??Mixed Signal Array
CY8C21123 CYPRESS-CY8C21123 Datasheet
330Kb / 33P
   PSoC??Mixed-Signal Array
CY8C24123A CYPRESS-CY8C24123A Datasheet
499Kb / 47P
   PSoC Mixed-Signal Array
CY8C22213 CYPRESS-CY8C22213 Datasheet
2Mb / 304P
   PSoC Mixed Signal Array
CY8C24123 CYPRESS-CY8C24123 Datasheet
632Kb / 41P
   PSoC Mixed Signal Array
CY8C27143 CYPRESS-CY8C27143 Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com