Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B104L-BA15XCT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY14B104L-BA15XCT
Description  4-Mbit (512K x 8/256K x 16) nvSRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104L-BA15XCT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY14B104L-BA15XCT Datasheet HTML 1Page - Cypress Semiconductor CY14B104L-BA15XCT Datasheet HTML 2Page - Cypress Semiconductor CY14B104L-BA15XCT Datasheet HTML 3Page - Cypress Semiconductor CY14B104L-BA15XCT Datasheet HTML 4Page - Cypress Semiconductor CY14B104L-BA15XCT Datasheet HTML 5Page - Cypress Semiconductor CY14B104L-BA15XCT Datasheet HTML 6Page - Cypress Semiconductor CY14B104L-BA15XCT Datasheet HTML 7Page - Cypress Semiconductor CY14B104L-BA15XCT Datasheet HTML 8Page - Cypress Semiconductor CY14B104L-BA15XCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
PRELIMINARY
CY14B104L, CY14B104N
Document #: 001-07102 Rev. *F
Page 2 of 22
Pinouts
Figure 1. Pin Diagram - 48 FBGA
Figure 2. Pin Diagram - 44 TSOP II
WE
VCC
A11
A10
VCAP
A6
A0
A3
CE
DQ10
DQ8
DQ9
A4
A5
DQ13
DQ12
DQ14
DQ15
VSS
A9
A8
OE
VSS
A7
DQ0
BHE
NC
A17
A2
A1
BLE
VCC
DQ2
DQ1
DQ3
DQ4
DQ5 DQ6
DQ7
A15
A14
A13
A
12
HSB
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16
NC
NC
DQ11
48-FBGA
(not to scale)
Top View
(x16)
WE
VCC
A11
A10
VCAP
A6
A0
A3
CE
NC
NC
DQ0
A4
A5
NC
DQ2
DQ3
NC
VSS
A9
A8
OE
VSS
A7
NC
NC
NC
A17
A2
A1
NC
VCC
DQ4
NC
DQ5
DQ6
NC
DQ7
NC
A15
A14
A13
A
12
HSB
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16
A18
NC
DQ1
48-FBGA
(not to scale)
Top View
(x8)
[2]
[2]
Notes
2. Address expansion for 8 Mbit. NC pin not connected to die.
3. Address expansion for 16 Mbit. NC pin not connected to die.
VSS
DQ6
DQ5
DQ4
VCC
A13
DQ3
A12
DQ2
DQ1
DQ0
BLE
A9
CE
A1
A2
A3
A4
A5
A6
A7
A8
A11
A10
A14
BHE
OE
A15
A16
A17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
44 - TSOP II
Top View
(not to scale)
WE
DQ7
A0
VSS
VCC
DQ15
DQ14
DQ13
DQ12
DQ11
DQ10
DQ9
DQ8
VCAP
(x16)
NC
A8
NC
NC
VSS
DQ6
DQ5
DQ4
VCC
A13
DQ3
A12
DQ2
DQ1
DQ0
OE
A9
CE
NC
A0
A1
A2
A3
A4
A5
A6
A11
A7
A14
A15
A16
A17
A18
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
44 - TSOP II
Top View
(not to scale)
A10
NC
WE
DQ7
HSB
NC
VSS
VCC
VCAP
NC
(x8)
[2]
[3]
[+] Feedback


Similar Part No. - CY14B104L-BA15XCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L-BA20XCT CYPRESS-CY14B104L-BA20XCT Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L-BA20XI CYPRESS-CY14B104L-BA20XI Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L-BA20XIT CYPRESS-CY14B104L-BA20XIT Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L-BA25XI CYPRESS-CY14B104L-BA25XI Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L-BA25XIT CYPRESS-CY14B104L-BA25XIT Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
More results

Similar Description - CY14B104L-BA15XCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com