Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD54HC40103F Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC40103F
Description  High-Speed CMOS Logic 8-Stage Synchronous Down Counters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC40103F Datasheet(HTML) 4 Page - Texas Instruments

  CD54HC40103F Datasheet HTML 1Page - Texas Instruments CD54HC40103F Datasheet HTML 2Page - Texas Instruments CD54HC40103F Datasheet HTML 3Page - Texas Instruments CD54HC40103F Datasheet HTML 4Page - Texas Instruments CD54HC40103F Datasheet HTML 5Page - Texas Instruments CD54HC40103F Datasheet HTML 6Page - Texas Instruments CD54HC40103F Datasheet HTML 7Page - Texas Instruments CD54HC40103F Datasheet HTML 8Page - Texas Instruments CD54HC40103F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
HCT TYPES
High Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or VIL
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
High Level Output
Voltage
TTL Loads
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or VIL
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC and
GND
0
5.5
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
-
8
-
80
-
160
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 2)
VCC
-2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTE:
2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS (NOTE)
P0-P7
0.20
TE, MR
0.40
CP
0.60
PE
0.80
PL
1.35
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Table, e.g.,
360
µA max at 25oC.
Prerequisite for Switching Specifications
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
CP Pulse Width
tW
2
165
-
-
205
-
250
-
ns
4.5
33
-
-
41
-
50
-
ns
6
28-
-35-43
-
ns
PL Pulse Width
tW
2
125
-
-
155
-
190
-
ns
4.5
25
-
-
31
-
38
-
ns
6
21-
-26-32
-
ns
CD54HC40103, CD74HC40103, CD74HCT40103


Similar Part No. - CD54HC40103F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC40103F TI-CD54HC40103F Datasheet
279Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103F TI-CD54HC40103F Datasheet
424Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103F3A TI-CD54HC40103F3A Datasheet
279Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103F3A TI-CD54HC40103F3A Datasheet
424Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103F3A TI-CD54HC40103F3A Datasheet
158Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
More results

Similar Description - CD54HC40103F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC40103 TI-CD54HC40103_03 Datasheet
158Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103 Datasheet
279Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103_07 Datasheet
424Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103 TI-CD74HC40103 Datasheet
45Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103-EP TI1-CD74HC40103-EP Datasheet
395Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 8-STAGE SYNCHRONOUS DOWN COUNTER
logo
Intersil Corporation
CD40102BMS INTERSIL-CD40102BMS Datasheet
166Kb / 13P
   CMOS 8-Stage Presettable Synchronous Down Counters
December 1992
logo
Texas Instruments
CD40102B TI-CD40102B Datasheet
572Kb / 14P
[Old version datasheet]   CMOS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
CD40102B TI1-CD40102B_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS 8-stage Presettable Synchronous Down Counters
logo
STMicroelectronics
HCC40102B STMICROELECTRONICS-HCC40102B Datasheet
270Kb / 13P
   8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
M54HC40102 STMICROELECTRONICS-M54HC40102 Datasheet
300Kb / 14P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com