Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC4075NSRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74HC4075NSRG4
Description  High-Speed CMOS Logic Triple 3-Input OR Gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4075NSRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC4075NSRG4 Datasheet HTML 2Page - Texas Instruments CD74HC4075NSRG4 Datasheet HTML 3Page - Texas Instruments CD74HC4075NSRG4 Datasheet HTML 4Page - Texas Instruments CD74HC4075NSRG4 Datasheet HTML 5Page - Texas Instruments CD74HC4075NSRG4 Datasheet HTML 6Page - Texas Instruments CD74HC4075NSRG4 Datasheet HTML 7Page - Texas Instruments CD74HC4075NSRG4 Datasheet HTML 8Page - Texas Instruments CD74HC4075NSRG4 Datasheet HTML 9Page - Texas Instruments CD74HC4075NSRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Power Dissipation Capacitance
(Notes 3, 4)
CPD
-5
-
26
-
-
-
-
-
pF
HCT TYPES
Propagation Delay, Input to
Output (Figure 2)
tPLH, tPHL
CL = 50pF
4.5
-
-
24
-
30
-
36
ns
CL = 15pF
5
-
9
-
-
-
-
-
ns
Transition Times (Figure 2)
tTLH, tTHL
CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Input Capacitance
CIN
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
-5
-
28
-
-
-
-
-
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per gate.
4. PD = VCC
2 f
i (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Test Circuits and Waveforms
FIGURE 1. HC AND HCU TRANSITION TIMES AND PROPAGA-
TION DELAY TIMES, COMBINATION LOGIC
FIGURE 2. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%


Similar Part No. - CD74HC4075NSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4075NSRG4 TI-CD74HC4075NSRG4 Datasheet
379Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Triple 3-Input OR Gate
CD74HC4075NSRG4 TI-CD74HC4075NSRG4 Datasheet
533Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input OR Gate
More results

Similar Description - CD74HC4075NSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4075NSR TI-CD74HC4075NSR Datasheet
349Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input OR Gate
CD74HC4075 TI-CD74HC4075 Datasheet
379Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Triple 3-Input OR Gate
CD54HC4075 TI-CD54HC4075_07 Datasheet
533Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input OR Gate
CD5474HC11 TI-CD5474HC11 Datasheet
33Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Triple 3-Input AND Gate
CD54HC10 TI-CD54HC10 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC27 TI-CD54HC27 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC27 TI-CD54HC27_06 Datasheet
261Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC27 TI1-CD54HC27_14 Datasheet
612Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
CD74HC27 TI-CD74HC27 Datasheet
43Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC11 TI-CD54HC11_08 Datasheet
440Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com