Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NV45AA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NV45AA
Description  Crystal Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NV45AA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NV45AA Datasheet HTML 1Page - List of Unclassifed Manufacturers NV45AA Datasheet HTML 2Page - List of Unclassifed Manufacturers NV45AA Datasheet HTML 3Page - List of Unclassifed Manufacturers NV45AA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Profile. OCXO NV45AA
www.bliley.com
2545 West Grandview Blvd Erie, PA. 16506
Tel
(814) 838-3571
Page 2 of 4
5V +/- 5% ( Code A )
12V +/- 5% (Code B )
15V +/- 5% (Code C ) 4
4.0W turn on power
4.0W
4.0W
1.5W steady state power
1.5W
1.5W
Output Waveform:
CMOS
Sinewave
Waveform Description
Phase Noise Option A
Waveform
Description
Phase Noise
Option B or C
CMOS Output Levels (15pf load)
"0" < 0.5V; "1" > 4.5V
Output
Power
8 dBm typ.
Rise / Fall Time
<10ns (10% to 90%)
harmonics
-25dBc
Duty Cycle
45% to 55% @ 50% Logic 1
spurious
-75 dBc
Pulling Range:
Tuning Range ( 0V to 4V on
Vcontrol )
None
+/-0.5 ppm
min
+/- 1.5 ppm
min
Product Code
A
B
C
Environmental:
Storage Temperature
-55 to 125
°C
Ordering Options:
Supply
Voltage
Temp.
Range
Temp.
Stability
Pulling
Range
Phase
Noise
Freq.
R or NR
5V ( A )
C or D
C1 to D2
A,B, or C
A or B or
C
xx.xxxxMhz
R or NR
12V ( B )
C or D
C1 to D2
A,B, or C
A or B or
C
xx.xxxxMhz
R or NR
15V ( C )
C or D
C1 to D2
A,B, or C
A or B or
C
xx.xxxxMhz
NV45AA R B C C1 B C 10.0000MHz
Product Selection Code (refer to the above example):
This part is RoHS compliant, 12V supply, -20C to 70C, +/- 5ppb frequency vs. temperature stability referenced
to 25C, +/- 0.5ppm pull, Sinewave, best phase noise (Option C ) at 10.0000MHz operating frequency


Similar Part No. - NV45AA

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
NV40FP GETEDZ-NV40FP Datasheet
446Kb / 1P
   20mA 3.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
NV40FP GETEDZ-NV40FP_17 Datasheet
460Kb / 1P
   20mA 4.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
logo
Renesas Technology Corp
NV4V31MF RENESAS-NV4V31MF Datasheet
201Kb / 8P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
logo
California Eastern Labs
NV4V31MF CEL-NV4V31MF Datasheet
733Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V31MF-A CEL-NV4V31MF-A Datasheet
733Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
More results

Similar Description - NV45AA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
   CRYSTAL OSCILLATOR
SG-8002LB EPSONTOYOCOM-SG-8002LB Datasheet
491Kb / 4P
   CRYSTAL OSCILLATOR
TCO-7085X1A EPSONTOYOCOM-TCO-7085X1A Datasheet
359Kb / 2P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
   Crystal Oscillator
logo
Epson Company
SG-8002CE EPSON-SG-8002CE Datasheet
576Kb / 6P
   CRYSTAL OSCILLATOR
logo
Motorola, Inc
MC12061 MOTOROLA-MC12061 Datasheet
96Kb / 9P
   Crystal Oscillator
logo
Epson Company
SG-8003CG-PCB EPSON-SG-8003CG-PCB Datasheet
1Mb / 3P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
   Crystal Oscillator
logo
NIHON DEMPA KOGYO
NH37M28LN NDK-NH37M28LN Datasheet
695Kb / 1P
   Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com